Electronic Components Datasheet Search
  English  ▼

X  

UPD78P014 Datasheet(PDF) 14 Page - NEC

Part # UPD78P014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P014 Datasheet(HTML) 14 Page - NEC

Back Button UPD78P014 Datasheet HTML 10Page - NEC UPD78P014 Datasheet HTML 11Page - NEC UPD78P014 Datasheet HTML 12Page - NEC UPD78P014 Datasheet HTML 13Page - NEC UPD78P014 Datasheet HTML 14Page - NEC UPD78P014 Datasheet HTML 15Page - NEC UPD78P014 Datasheet HTML 16Page - NEC UPD78P014 Datasheet HTML 17Page - NEC UPD78P014 Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
14
µPD78P014
P00/TI0
P01
P02
P03
P25/SB0
P20
P26/SB1
P21
P25/SI0
P26/SO0
P27
P22
P23
P24
P00/INTP0
P33
P34
P30
P31
P32
P35
P36
P40 to P47
P50 to P57
P64
P65
P66
P67
(2)
Non port pins (1/2)
Altrnate
Function
Function
Pin Name
I/O
Falling edge detection external interrupt input.
After Reset
Input
Output
Serial interface automatic transmission/reception strobe output.
Input
Input
Serial interface automatic transmission/reception busy input.
INTP0
INTP1
INTP2
INTP3
SI0
SI1
SO0
SO1
SB0
SB1
SCK0
SCK1
STB
BUSY
TI0
TI1
TI2
TO0
TO1
TO2
PCL
BUZ
AD0 to AD7
A8 to A15
RD
WR
WAIT
ASTB
Clock output (for trimming main system clock or subsystem clock).
Buzzer output.
Low address/data bus when memory is expanded externally.
High address bus when memory is expanded externally.
External memory read operation strobe signal output.
External memory write operation strobe signal output.
Wait insertion at external memory access.
Output of strobe which externally latches address information to be
output to ports 4 and 5 when accessing external memory.
Input
Output
Output
Input
Output
Input
Input
External interrupt input with specifiable valid edge (rising edge, falling
edge, or both rising and falling edges).
Input
Input
Serial interface serial data input.
Input
Output
Serial interface serial data output.
Input
Input
Serial interface serial data input/output.
Input/
output
Serial interface serial clock input/output.
Input/
output
Input of external count clock to 16-bit timer (TM0).
Input of external count clock to 8-bit timer (TM1).
Input of external count clock to 8-bit timer (TM2).
16-bit timer (TM0) output (alternate function with 14-bit PWM output).
8-bit timer (TM1) output.
8-bit timer (TM2) output.
Input
Input
Input
Output
Input/
output
Input
Input
Input
Input
Output
Input
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com