Electronic Components Datasheet Search
  English  ▼

X  

UPD78P014 Datasheet(PDF) 45 Page - NEC

Part # UPD78P014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P014 Datasheet(HTML) 45 Page - NEC

Back Button UPD78P014 Datasheet HTML 41Page - NEC UPD78P014 Datasheet HTML 42Page - NEC UPD78P014 Datasheet HTML 43Page - NEC UPD78P014 Datasheet HTML 44Page - NEC UPD78P014 Datasheet HTML 45Page - NEC UPD78P014 Datasheet HTML 46Page - NEC UPD78P014 Datasheet HTML 47Page - NEC UPD78P014 Datasheet HTML 48Page - NEC UPD78P014 Datasheet HTML 49Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
45
µPD78P014
Test Conditions
0
≤ VI ≤ VDDP
IOH = –400
µA
IOH = –100
µA
IOL = 2.1 mA
0
≤ VO ≤ VDDP, OE = VIH
Program memory write mode
Program memory read mode
Program memory write mode
Program memory read mode
Program memory write mode
Program memory read mode
CE = VIL, VI = VIH
Program memory write mode
CE = VIL, OE = VIH
Program memory read mode
DC Programming Characteristics (Ta = 25
± 5 °C, VSS = 0 V)
MIN.
TYP.
MAX.
Unit
0.7 VDDP
VDDP
V
0
0.3 VDDP
V
10
µA
2.4
V
VDD – 0.7
V
0.45
V
10
µA
5.75
6.0
6.25
V
4.5
5.0
5.5
V
12.5
12.5
12.8
V
VPP = VDDP
530
mA
530
mA
530
mA
1
100
µA
Parameter
Input voltage
high
Input voltage
low
Input leakage
current
Output
voltage high
Output
voltage low
Output
leakage
current
VDDP supply
voltage
VPP supply
voltage
VDDP supply
current
VPP supply
current
Note Corresponding
µPD27C256A symbol.
Symbol
SymbolNote
VIH
VIH
VIL
VIL
ILIP
ILI
VOH1
VOH1
VOH2
VOH2
VOL
VOL
ILO
—
VDDP
VCC
VPP
VPP
IDD
ICC
IPP
IPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com