Electronic Components Datasheet Search
  English  ▼

X  

UPD78P014 Datasheet(PDF) 38 Page - NEC

Part # UPD78P014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P014 Datasheet(HTML) 38 Page - NEC

Back Button UPD78P014 Datasheet HTML 34Page - NEC UPD78P014 Datasheet HTML 35Page - NEC UPD78P014 Datasheet HTML 36Page - NEC UPD78P014 Datasheet HTML 37Page - NEC UPD78P014 Datasheet HTML 38Page - NEC UPD78P014 Datasheet HTML 39Page - NEC UPD78P014 Datasheet HTML 40Page - NEC UPD78P014 Datasheet HTML 41Page - NEC UPD78P014 Datasheet HTML 42Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
38
µPD78P014
AC Timing Test Point (Excluding X1 and XT1 Input)
Clock Timing
TI Timing
0.8 VDD
0.2 VDD
0.8 VDD
0.2 VDD
Point of
measurement
tXL
tXH
1/fX
VDD - 0.5 V
0.4V
tXTL
tXTH
1/fXT
VDD - 0.5 V
0.4V
X1 Input
XT1 Input
tTIL
tTIH
1/fTI
TI0-TI2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com