Electronic Components Datasheet Search
  English  ▼

X  

UPD78P014 Datasheet(PDF) 12 Page - NEC

Part # UPD78P014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P014 Datasheet(HTML) 12 Page - NEC

Back Button UPD78P014 Datasheet HTML 8Page - NEC UPD78P014 Datasheet HTML 9Page - NEC UPD78P014 Datasheet HTML 10Page - NEC UPD78P014 Datasheet HTML 11Page - NEC UPD78P014 Datasheet HTML 12Page - NEC UPD78P014 Datasheet HTML 13Page - NEC UPD78P014 Datasheet HTML 14Page - NEC UPD78P014 Datasheet HTML 15Page - NEC UPD78P014 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
12
µPD78P014
2.
PIN FUNCTIONS
2.1
Normal Operating Mode Pins
(1)
Port pins (1/2)
Alternate
Function
Function
Pin Name
Port 1
8-bit input/output port.
Input/output can be specified in 1-bit unit.
When used as an input port, pull-up resistor can be used by
software.Note 2
Input only
Input only
Input
After Reset
Input
Input
Notes 1. When P04/XT1 pins are used as the input ports, set processor clock control register bit 6 (FRC) to 1. (Do
not use the on-chip feedback resistor of the subsystem clock oscillation circuit.)
2. When P10/ANI0 to P17/ANI7 pins are used as the analog inputs for A/D converter, the pull-up resistor is
automatically disabled.
P00
P01
P02
P03
P04Note 1
P10 to P17
P20
P21
P22
P23
P24
P25
P26
P27
P30
P31
P32
P33
P34
P35
P36
P37
P40 to P47
I/O
INTP0/TI0
INTP1
INTP2
INTP3
XT1
ANI0 to
ANI7
SI1
SO1
SCK1
STB
BUSY
SI0/SB0
SO0/SB1
SCK0
TO0
TO1
TO2
TI1
TI2
PCL
BUZ
–
AD0 to AD7
Input/
output
Input/output can be specified in 1-bit unit.
When used as an input port, pull-up resistor can
be used by software.
Port 0
5-bit I/O port
Input
Input
Input
Input/
output
Input/
output
Port 2
8-bit input/output port.
Input/output can be specified in 1-bit unit.
When used as an input port, pull-up resistor can be used by software.
Input
Input
Port 3
8-bit input/output port.
Input/output can be specified in 1-bit unit.
When used as an input port, pull-up resistor can be used by software.
Input/
output
Port 4
8-bit input/output port.
Input/output can be specified in 8-bit unit.
When used as an input port, pull-up resistor can be used by software.
(Test input flag (KRIF) is set to 1 by falling edge detection.)
Input/
output
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com