Electronic Components Datasheet Search
  English  ▼

X  

UPD78P014 Datasheet(PDF) 25 Page - NEC

Part # UPD78P014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P014 Datasheet(HTML) 25 Page - NEC

Back Button UPD78P014 Datasheet HTML 21Page - NEC UPD78P014 Datasheet HTML 22Page - NEC UPD78P014 Datasheet HTML 23Page - NEC UPD78P014 Datasheet HTML 24Page - NEC UPD78P014 Datasheet HTML 25Page - NEC UPD78P014 Datasheet HTML 26Page - NEC UPD78P014 Datasheet HTML 27Page - NEC UPD78P014 Datasheet HTML 28Page - NEC UPD78P014 Datasheet HTML 29Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
25
µPD78P014
Main System Clock Oscillator Characteristics (Ta = –40 to +85
°C, VDD = 2.7 to 6.0 V)
Recommended
Circuit
Resonator
Ceramic
resonator
Crystal
resonator
External clock
Parameter
Oscillation frequency
(fX)Note 1
Oscillation stabiliza-
tion timeNote 2
Oscillation frequency
(fX)Note 1
Oscillation stabiliza-
tion timeNote 2
X1 input frequency
(fX)Note 1
X1 input high-/low-
level width (tXH/tXL)
MIN.
TYP.
MAX.
Unit
1
10
MHz
4ms
1
8.38
10
MHz
10
ms
30
1.0
10.0
MHz
42.5
500
ns
Notes 1. Only the oscillator characteristics are shown. Refer to AC characteristics for instruction execution times.
2. This is the time required for oscillation to stabilize after a reset or STOP mode release.
Cautions 1. When the main system clock oscillator is used, the following should be noted concerning wiring in
the area in the figure enclosed by a dotted line to prevent the influence of wiring capacitance, etc.
• The wiring should be kept as short as possible.
• No other signal lines should be crossed.
• Keep away from lines carrying a high fluctuating current.
• The oscillator capacitor grounding point should always be at the same potential as VSS.
• Do not connect to a ground pattern carrying a high current.
• A signal should not be taken from the oscillator.
2. When the main system clock is stopped and the device is operating on the subsystem clock, wait until
the oscillation stabilization time has been secured by the program before switching back to the main
system clock.
Test Conditions
VDD = Oscillation voltage
range
After VDD has reached
MIN. of oscillation
voltage range
VDD = 4.5 to 6.0 V
X1
X2
C1
C2
R1
Vss
X1
X2
C2
C1
Vss
X1
X2
PD74HCU04
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com