Electronic Components Datasheet Search
  English  ▼

X  

UPD78P014 Datasheet(PDF) 56 Page - NEC

Part # UPD78P014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P014 Datasheet(HTML) 56 Page - NEC

Back Button UPD78P014 Datasheet HTML 52Page - NEC UPD78P014 Datasheet HTML 53Page - NEC UPD78P014 Datasheet HTML 54Page - NEC UPD78P014 Datasheet HTML 55Page - NEC UPD78P014 Datasheet HTML 56Page - NEC UPD78P014 Datasheet HTML 57Page - NEC UPD78P014 Datasheet HTML 58Page - NEC UPD78P014 Datasheet HTML 59Page - NEC UPD78P014 Datasheet HTML 60Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 62 page
background image
56
µPD78P014
11. RECOMMENDED SOLDERING CONDITIONS
The
µPD78P014 should be soldered and mounted under the conditions recommended in the table below.
For detail of recommended soldering conditions, refer to the information document “Semiconductor Device
Mounting Technology Manual” (IEI-1207).
For soldering methods and conditions other than those recommended below, contact our salesman.
Table 11-1. Surface Mounted Type Soldering Conditions
µPD78P014GC-AB8: 64-pin plastic QFP (14 × 14 mm)
Soldering Method
Soldering Conditions
Package peak temperature: 230
°C
Infrared ray reflow
Duration: 30 sec. max. (at 210
°C or above) Number of times: Once
IR30-202-1
Time limit: 2 daysNote (thereafter 20 hours prebaking required at 125
°C)
Package peak temperature: 215
°C
VPS
Duration: 40 sec. max. (at 200
°C or above) Number of times: Once
VP15-202-1
Time limit: 2 daysNote (thereafter 20 hours prebaking required at 125
°C)
Pin partial heating
Pin temperature: 300
°C max. Duration: 3 sec. max.
(Per side of the device)
Note For the storage period after dry-pack decapsulation, storage conditions are max. 25
°C, 65% RH.
Caution Use of more than one soldering method should be avoided (except in the case of pin partial heating).
Table 11-2. Insert Type Soldering Conditions
µPD78P014CW: 64-pin plastic shrink DIP (750 mil)
µPD78P014DW: 64-pin ceramic shrink DIP (with window) (750 mil)
Soldering Method
Soldering Conditions
Solder bath temperature : 260
°C max. Duration: 10 sec. max.
Pin partial heating
Pin temperature: 300
°C max. Duration: 3 sec. max (per 1 pin).
Wave soldering
(Pin only)
Caution The wave soldering applies to the pin only. Ensure that no solder touches the body directly.
5
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com