Electronic Components Datasheet Search
  English  ▼

X  

UPD78P014 Datasheet(PDF) 27 Page - NEC

Part # UPD78P014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P014 Datasheet(HTML) 27 Page - NEC

Back Button UPD78P014 Datasheet HTML 23Page - NEC UPD78P014 Datasheet HTML 24Page - NEC UPD78P014 Datasheet HTML 25Page - NEC UPD78P014 Datasheet HTML 26Page - NEC UPD78P014 Datasheet HTML 27Page - NEC UPD78P014 Datasheet HTML 28Page - NEC UPD78P014 Datasheet HTML 29Page - NEC UPD78P014 Datasheet HTML 30Page - NEC UPD78P014 Datasheet HTML 31Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
27
µPD78P014
Recommended Oscillator
Oscillation Voltage
Constant
Range
C3 (pF)
C4 (pF)
R2 (k
Ω)
MIN. (V)
MAX. (V)
10
10
100
2.7
6.0
Manufacturer
Murata Mfg.
Product Name
CSB1000J
CSB
××××J
CSA
×. ×××MK
CSA
×. ××MG093
CST
×. ××MG093
CSA
×. ××MG
CST
×. ××MGW
CSA
×. ××MGU
CST
×. ××MGWU
CSA
×. ××MT
CST
×. ××MTW
Frequency
(kHz)
32.768
Product Name
DT-38 (1TA632E00,
load capacitance 6.3 pF)
Manufacturer
Daishinku Corp.
MIN.
TYP.
MAX.
Unit
15
pF
15
pF
20
pF
Test Conditions
f = 1 MHz Unmeasured pins returned to 0 V
P01 to P03, P10 to P17,
f = 1 MHz Unmeasured
P20 to P27, P30 to P37,
pins returned to 0 V
P40 to P47, P50 to P57,
P64 to P67
P60 to P63
Symbol
CIN
CIO
Parameter
Input capacitance
Input/output capacitance
Frequency
(MHz)
1.00
1.01 to 1.25
1.26 to 1.79
1.80 to 2.44
2.45 to 4.18
4.19 to 6.00
6.01 to 10.0
Recommended Oscillation Constants
Main System Clock: Ceramic Resonator (Ta = –40 to +85
°C)
Capacitance (Ta = 25
°C, VDD = VSS = 0 V)
Remark Unless otherwise specified, alternate function pin characteristics are the same as port pin characteristics.
Remark
×. ××, ×. ××× and ×××× indicate frequency.
Subsystem Clock: Crystal Resonator (Ta = –40 to +60
°C)
Recommended Oscillator
Oscillation Voltage
Constant
Range
C1 (pF)
C2 (pF)
R1 (k
Ω)
MIN. (V)
MAX. (V)
100
100
6.8
2.8
6.0
100
100
4.7
2.8
6.0
100
100
0
2.8
6.0
100
100
0
2.7
6.0
Incorporated
Incorporated
0
2.7
6.0
30
30
0
2.7
6.0
Incorporated
Incorporated
0
2.7
6.0
30
30
0
2.7
6.0
Incorporated
Incorporated
0
2.7
6.0
30
30
0
3.0
6.0
Incorporated
Incorporated
0
3.0
6.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com