Electronic Components Datasheet Search
  English  ▼

X  

UPD78P014 Datasheet(PDF) 31 Page - NEC

Part # UPD78P014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P014 Datasheet(HTML) 31 Page - NEC

Back Button UPD78P014 Datasheet HTML 27Page - NEC UPD78P014 Datasheet HTML 28Page - NEC UPD78P014 Datasheet HTML 29Page - NEC UPD78P014 Datasheet HTML 30Page - NEC UPD78P014 Datasheet HTML 31Page - NEC UPD78P014 Datasheet HTML 32Page - NEC UPD78P014 Datasheet HTML 33Page - NEC UPD78P014 Datasheet HTML 34Page - NEC UPD78P014 Datasheet HTML 35Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
31
µPD78P014
Remarks
1.
tCY = TCY/4
2.
n indicates number of waits.
3.
CL = 100 pF (CL indicates the load capacitance of pins P40/AD0 to P47/AD7, P50/A8 to P57/A15, P64/
RD, P65/WR, P66/WAIT, P67/ASTB.)
tRDAST
tCY – 10
tCY + 40
ns
tRDADH
tCY
tCY + 50
ns
Parameter
Symbol
Test Conditions
MIN.
MAX.
Unit
ASTB high-level width
tASTH
0.5tCY
ns
Address setup time
tADS
0.5tCY – 30
ns
Address hold time
tADH
Load resistance
≥ 5 kΩ
10
ns
Data input time from address
tADD1
(2 + 2n)tCY – 50
ns
tADD2
5
(3 + 2n)tCY – 100
ns
Data input time from RD
↓
tRDD1
(1 + 2n)tCY – 25
ns
tRDD2
(2.5 + 2n)tCY – 100
ns
Read data hold time
tRDH
0ns
RD low-level width
tRDL1
(1.5 + 2n)tCY – 20
ns
tRDL2
(2.5 + 2n)tCY – 20
ns
WAIT
↓ input time from RD↓
tRDWT1
0.5tCY
ns
tRDWT2
1.5tCY
ns
WAIT
↓ input time from WR↓
tWRWT
0.5tCY
ns
WAIT low-level width
tWTL
(0.5 + 2n)tCY + 10
(2 + 2n)tCY
ns
Write data setup time
tWDS
100
ns
Write data hold time
tWDH
5ns
WR low-level width
tWRL1
(2.5 + 2n)tCY – 20
ns
RD
↓ delay time from ASTB↓
tASTRD
0.5tCY – 30
ns
WR
↓ delay time from ASTB↓
tASTWR
1.5tCY – 30
ns
ASTB
↑ delay time from
RD
↑ in external fetch
Address hold time from
RD
↑ in external fetch
Write data output time from RD
↑
tRDWD
10
ns
WR
↓ delay time from write data
VDD = 4.5 to 6.0 V
0.5tCY – 120
0.5tCY
ns
0.5tCY – 170
0.5tCY
ns
Address hold time from WR
↑
VDD =4.5 to 6.0 V
tCY
tCY + 60
ns
tCY
tCY + 100
ns
RD
↑ delay time from WAIT↑
tWTRD
0.5tCY
2.5tCY + 80
ns
WR
↑ delay time from WAIT↑
tWTWR
0.5tCY
2.5tCY + 80
ns
(2)
Read/write operation (Ta = –40 to +85
°C, VDD = 2.7 to 6.0 V)
tWDWR
tWRADH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com