Electronic Components Datasheet Search
  English  ▼

X  

UPD78P014 Datasheet(PDF) 43 Page - NEC

Part # UPD78P014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P014 Datasheet(HTML) 43 Page - NEC

Back Button UPD78P014 Datasheet HTML 39Page - NEC UPD78P014 Datasheet HTML 40Page - NEC UPD78P014 Datasheet HTML 41Page - NEC UPD78P014 Datasheet HTML 42Page - NEC UPD78P014 Datasheet HTML 43Page - NEC UPD78P014 Datasheet HTML 44Page - NEC UPD78P014 Datasheet HTML 45Page - NEC UPD78P014 Datasheet HTML 46Page - NEC UPD78P014 Datasheet HTML 47Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
43
µPD78P014
Data Memory STOP Mode Low Supply Voltage Data Retention Characteristics (Ta = –40 to +85
°C)
Parameter
Data retention power
supply voltage
Data retention power
supply current
Release signal set time
Oscillation
stabilization wait time
Symbol
VDDDR
IDDDR
tSREL
tWAIT
Note In combination with bits 0 to 2 (OSTS0 to OSTS2) of oscillation stabilization time select register, selection
of 213/fx and 215/fx to 218/fx is possible.
MIN.
TYP.
MAX.
Unit
2.0
6.0
V
0.1
10
µA
0
µs
218/fx
ms
Note
ms
Test Conditions
VDDDR = 2.0 V
Subsystem clock stop and
feedback resistor disconnected
Release by RESET
Release by interrupt
Data Retention Timing (STOP Mode Release by RESET)
Data Retention Timing (Standby Release Signal: STOP Mode Release by Interrupt Signal)
tSREL
tWAIT
VDD
RESET
Stop Instruction Execution
STOP Mode
Data Retention Mode
Internal Reset Operation
HALT Mode
Operating Mode
VDDDR
tSREL
tWAIT
VDD
Stop Instruction Execution
STOP Mode
Data Retention Mode
HALT Mode
Operating Mode
Standby Release Signal
(Interrupt Request)
VDDDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com