Electronic Components Datasheet Search
  English  ▼

X  

UPD78P014 Datasheet(PDF) 34 Page - NEC

Part # UPD78P014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P014 Datasheet(HTML) 34 Page - NEC

Back Button UPD78P014 Datasheet HTML 30Page - NEC UPD78P014 Datasheet HTML 31Page - NEC UPD78P014 Datasheet HTML 32Page - NEC UPD78P014 Datasheet HTML 33Page - NEC UPD78P014 Datasheet HTML 34Page - NEC UPD78P014 Datasheet HTML 35Page - NEC UPD78P014 Datasheet HTML 36Page - NEC UPD78P014 Datasheet HTML 37Page - NEC UPD78P014 Datasheet HTML 38Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
34
µPD78P014
Parameter
SCK cycle time
SCK high-/low-level
width
SB0, SB1 setup time
(to SCK
↑)
SB0, SB1 hold time
(from SCK
↑)
SB0, SB1 output
delay time from SCK
↓
SB0, SB1
↓ from SCK↑
SCK
↓ from SB0, SB1↓
SB0, SB1 high-level
width
SB0, SB1 low-level
width
(d)
SBI mode (SCK...External clock input)
MIN.
TYP.
MAX.
Unit
800
ns
3200
ns
400
ns
1600
ns
100
ns
300
ns
tKCY4/2
ns
0
300
ns
0
1000
ns
tKCY4
ns
tKCY4
ns
tKCY4
ns
tKCY4
ns
Symbol
tKCY4
tKH4
tKL4
tSIK4
tKSI4
tKSO4
tKSB
tSBK
tSBH
tSBL
Test Conditions
VDD = 4.5 to 6.0 V
VDD = 4.5 to 6.0 V
VDD = 4.5 to 6.0 V
R = 1 k
Ω,
VDD = 4.5 to 6.0 V
C = 100 pFNote
When using the external device
expansion function
When using the
16-bit timer
output function
When not using
the 16-bit timer
output function
160
700
1000
ns
ns
ns
When not
using the
external device
expansion
function
tR4
tF4
5
5
5
SCK rise and fall
times
Note R and C are the load resistance and load capacitance of the SB0 and SB1 output line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com