Electronic Components Datasheet Search
  English  ▼

X  

UPD78P014 Datasheet(PDF) 54 Page - NEC

Part # UPD78P014
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P014 Datasheet(HTML) 54 Page - NEC

Back Button UPD78P014 Datasheet HTML 50Page - NEC UPD78P014 Datasheet HTML 51Page - NEC UPD78P014 Datasheet HTML 52Page - NEC UPD78P014 Datasheet HTML 53Page - NEC UPD78P014 Datasheet HTML 54Page - NEC UPD78P014 Datasheet HTML 55Page - NEC UPD78P014 Datasheet HTML 56Page - NEC UPD78P014 Datasheet HTML 57Page - NEC UPD78P014 Datasheet HTML 58Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 62 page
background image
54
µPD78P014
64 PIN CERAMIC SHRINK DIP (750 mil)
D
N M
P64DW-70-750A
33
32
A
M
S
64
1
F
CB
K
L
0 to 15
°
ITEM
MILLIMETERS
INCHES
A
B
C
D
F
G
H
I
J
K
L
3.5
3.0
1.78 MAX.
0.031 MIN.
0.138
0.118
0.200 MAX.
2.310 MAX.
NOTES
M
N
S
5.08 MAX.
0.010
0.01
0.350
1) Each lead centerline is located within 0.25 mm
(0.010 inch) of its true position (T.P.) at maxi-mum
material condition.
2) Item "K" to center of leads when formed
parallel.
0.750 (T.P.)
0.039 MIN.
0.070 (T.P.)
18.8
0.740
0.018
0.46
0.8 MIN.
58.68 MAX.
1.778 (T.P.)
1.0 MIN.
19.05 (T.P.)
0.25
0.25
8.89
+0.05
–
0.070 MAX.
+0.002
–0.003
+0.05
–
+0.3
–
+0.002
–
+0.012
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com