Electronic Components Datasheet Search
  English  ▼

X  

LM3754 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3754
Description  Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3754 Datasheet(HTML) 4 Page - Texas Instruments

  LM3754 Datasheet HTML 1Page - Texas Instruments LM3754 Datasheet HTML 2Page - Texas Instruments LM3754 Datasheet HTML 3Page - Texas Instruments LM3754 Datasheet HTML 4Page - Texas Instruments LM3754 Datasheet HTML 5Page - Texas Instruments LM3754 Datasheet HTML 6Page - Texas Instruments LM3754 Datasheet HTML 7Page - Texas Instruments LM3754 Datasheet HTML 8Page - Texas Instruments LM3754 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
LM3754
SNVS789B – JANUARY 2012 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN to SGND, PGND
−0.3V to 24V
SGND to PGND
−0.3V to 0.3V
VCC and VDD to VIN
+0.3V
VDD to PGND
−0.3V to 6V
PGOOD, FAULT to SGND
−0.3V to 6V
VCC, EN, SS, SYNC, CS1, CS2, CSM, ILIM, SNSM, SNSP to SGND
−0.3V to 6V
FREQ, PH, FB to SGND
−0.3 to VCC + 0.3V
BOOT1, BOOT2 to PGND(3)
−0.3V to 24V Peak
SW1, SW2 to PGND(3)
−0.3VDC to 24V Peak
−3V for less than 40 ns
BOOT1 to SW1,
−0.3V to 6.0V Peak
BOOT2 to SW2(3)
SYNCOUT
±20 mA
PGOOD, FAULT
±20 mA
VDIF
±5 mA
COMP
±4 mA
ESD Rating, HBM(4)
2 kV
Junction Temperature (TJ-MAX)
+150°C
Storage Temperature Range
−65°C to +150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. Operating Range conditions indicate
the conditions at which the device is functional and the device should not be operated beyond such conditions. For ensured
specifications and conditions, see the Electrical Characteristics table.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Peak is the dc plus transient voltage including switching spikes.
(4)
Human Body Model (HBM) is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. Applicable standard is JESD22-
A114C. All pins pass 2 kV HBM except VDD, VIN and VCC which are rated for 1.5 kV.
Operating Ratings
(1)
VIN Low Range
4.5V to 5.5V
VIN High Range when using integrated VCC LDO
5.5V to 18V
VIN High Range when using integrated VDD linear regulator controller
6V to 18V
VCC External Supply Voltage
4.5V to 5.5V
VDD External Supply Voltage
4.5V to 5.5V
Output Voltage Range
0.6V to 3.6V
SYNC, EN
0V to 5.5V
SNSM
−0.25V to 1.0V
SNSP to SNSM
0V to 3.6V
IAVE
0V to 1.15V
CS1 and CS2 to CSM
−15 mV to 45 mV
CS1, CS2, ILIM and CSM to SGND
0V to 3.6V
ILIM to CSM
0V to 200 mV
Junction Temperature Range
−5°C to +125°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. Operating Range conditions indicate
the conditions at which the device is functional and the device should not be operated beyond such conditions. For ensured
specifications and conditions, see the Electrical Characteristics table.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM3754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com