Electronic Components Datasheet Search
  English  ▼

X  

LM3754 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3754
Description  Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3754 Datasheet(HTML) 2 Page - Texas Instruments

  LM3754 Datasheet HTML 1Page - Texas Instruments LM3754 Datasheet HTML 2Page - Texas Instruments LM3754 Datasheet HTML 3Page - Texas Instruments LM3754 Datasheet HTML 4Page - Texas Instruments LM3754 Datasheet HTML 5Page - Texas Instruments LM3754 Datasheet HTML 6Page - Texas Instruments LM3754 Datasheet HTML 7Page - Texas Instruments LM3754 Datasheet HTML 8Page - Texas Instruments LM3754 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
31
30
29
28
27
26
25
32
DAP (should be tied to
SGND and PGND on board)
BOOT2
PH
CS1
CSM
ILIM
CS2
EN
IAVE
BOOT1
PGOOD
SYNCOUT
SYNC
NBASE
VIN
VCC
LM3754
WQFN-32
5 x 5 x 0.8 mm body size
0.5 mm pitch
FAULT
LM3754
SNVS789B – JANUARY 2012 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Figure 1. Top View
32-Lead WQFN
Pin Descriptions
Pin Number
Pin Name
Description
1
HG2
Gate drive of the high-side N-channel MOSFET for Phase 2.
2
SW2
Switching node of the power stage of Phase 2.
3
LG2
Gate drive of the low-side N-channel MOSFETs for Phase 2.
4
VDD
Power supply for gate drivers. Decouple VDD to PGND with a ceramic capacitor. VDD can either be
supplied by an external 5V ±10% bus, or by the internal regulator, which uses an external NPN pass
device. If using the internal regulator, connect VDD to the emitter of the NPN pass device.
5
PGND
Power Ground. Tie PGND and SGND together on the board through the DAP.
6
LG1
Gate drive of the low-side N-channel MOSFETs for Phase 1.
7
SW1
Switching node of the power stage of Phase 1.
8
HG1
Gate drive of the high-side N-channel MOSFET for Phase 1.
9
BOOT1
Bootstrap of Phase 1 for the high-side gate drive power supply.
10
PGOOD
Power Good open-drain output. Active HIGH.
11
SYNCOUT
Synchronization Output. For multi-controller systems this pin should be connected to the SYNC pin of
the next controller in daisy-chain configuration
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM3754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com