Electronic Components Datasheet Search
  English  ▼

X  

LM3754 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3754
Description  Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3754 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3754 Datasheet HTML 7Page - Texas Instruments LM3754 Datasheet HTML 8Page - Texas Instruments LM3754 Datasheet HTML 9Page - Texas Instruments LM3754 Datasheet HTML 10Page - Texas Instruments LM3754 Datasheet HTML 11Page - Texas Instruments LM3754 Datasheet HTML 12Page - Texas Instruments LM3754 Datasheet HTML 13Page - Texas Instruments LM3754 Datasheet HTML 14Page - Texas Instruments LM3754 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
2 ms/DIV
VOUT
0.5V/DIV
OC PULSE 5V/DIV
OC
PULSE
ILIM
VOUT
RILIM
R = 18
k
2 ms/Div
EN 2V/Div
VOUT = 600 mV
SS 500 mV/Div
VOUT 500 mV/Div
10ms/Div
Over Voltage pulse 200 mV/Div added to FB
FB
0.5V/
Div
VOUT
0.5V/
Div
EN 2V/DIV
PGOOD 1V/DIV
SS 500 mV/DIV
VOUT 1.5V/DIV
2 ms/DIV
2 ms/Div
Over Voltage pulse
200 mV/DIV injected into FB
FB
500 mV/Div
VOUT 500 mV/Div
LM3754
www.ti.com
SNVS789B – JANUARY 2012 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Startup from 0V
Over-Voltage Fault
Figure 8.
Figure 9.
Pre-Biased Output Startup
Repeated Over-Voltage Conditions
Figure 10.
Figure 11.
Over-Current Fault (Soft Short)
Figure 12.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com