Electronic Components Datasheet Search
  English  ▼

X  

LM3754 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3754
Description  Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3754 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3754 Datasheet HTML 8Page - Texas Instruments LM3754 Datasheet HTML 9Page - Texas Instruments LM3754 Datasheet HTML 10Page - Texas Instruments LM3754 Datasheet HTML 11Page - Texas Instruments LM3754 Datasheet HTML 12Page - Texas Instruments LM3754 Datasheet HTML 13Page - Texas Instruments LM3754 Datasheet HTML 14Page - Texas Instruments LM3754 Datasheet HTML 15Page - Texas Instruments LM3754 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
LG1
VDD
SW2
DEADTIME
CONTROL
OV Fault
OC Fault
Prebias
PWM
COMPARATOR
CURRENT LIMIT
COMPARATOR
A = 1
CURRENT SENSE
AMPLIFIER
HG2
BOOT2
DRIVER
CONTROL
PGND
LG2
CSM
CS2
ILIM
- +
VCC
VDD
VIN FEED-FORWARD
BANDGAP
REFERENCE
1.39V
ISS = 10 PA
Closed for
Master Controller
VREF = 0.6V
Closed for
Master Controller
MASTER
VCC - 1.2V
IAVE1 = 2 mA/V
OVP
780 mV
480 mV
UVP
A = 3.125
PWM 1
+
+
+
-
COMP
STARTUP AND
FAULT LOGIC
IFAULT
= 300 PA
4.14V
OVER
TEMP
4.02V
VDD
VCC
POWER_OK
EN
VIN
SS
FB
COMP
IAVE
REGULATORS,
SUPPLY UVLO
NBASE
PH
PGOOD
OSCILLATOR, PLL,
PWM RAMP
PWM 1
PWM 2
A To D
SYNCOUT
FREQ
SYNC
PWM 2
+
+
+
-
COMP
VDD
SW1
DEADTIME
CONTROL
OV Fault
OC Fault
Prebias
PWM
COMPARATOR
CURRENT LIMIT
COMPARATOR
A = 1
CURRENT SENSE
AMPLIFIER
HG1
BOOT1
DRIVER
CONTROL
PGND
CS1
ILIM
15 mV
VCS1 - VCSM + 15 mV
32
1
2
3
27
6
7
8
9
5
30
28
25
18
19
23
15
26
VCC
13
10
11
12
24
31
14
16
4
VCC
VCC
VCC
VCC
VCC
VCC
1.3V
2.8V
1.3V
2.8V
CSM
- +
15 mV
29
IILIM = 100 PA
VCC
IAVE2 = 2 mA/V
KFF = 0.232 V/V
VDD
R
R
+
-
R
R
DIFFERENTIAL
AMPLIFIER
SNSP
SNSM
VDIF
SGND
17
20
21
22
Closed for
Master
Controller
VCS2 - VCSM + 15 mV
A = 50
A = 50
FAULT
LM3754
SNVS789B – JANUARY 2012 – REVISED APRIL 2013
www.ti.com
Block Diagram
12
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM3754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com