Electronic Components Datasheet Search
  English  ▼

X  

LM3754 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM3754
Description  Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3754 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3754 Datasheet HTML 5Page - Texas Instruments LM3754 Datasheet HTML 6Page - Texas Instruments LM3754 Datasheet HTML 7Page - Texas Instruments LM3754 Datasheet HTML 8Page - Texas Instruments LM3754 Datasheet HTML 9Page - Texas Instruments LM3754 Datasheet HTML 10Page - Texas Instruments LM3754 Datasheet HTML 11Page - Texas Instruments LM3754 Datasheet HTML 12Page - Texas Instruments LM3754 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
LM3754
www.ti.com
SNVS789B – JANUARY 2012 – REVISED APRIL 2013
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of −5°C to
+125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated VVIN =
12V, VVDD = 5V, VVCC = internal LDO, VEN = 2V, RFRQ = 78.7 kΩ, VPH = 0V, VCS1 = VCS2 = VCSM = VSS = VSNSP = 1.8V, VILIM −
VCSM = 100 mV, VSNSM = VSYNC = 0V, VSYNCOUT floating.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tLG-GT
LG Asynchronous-to-
2
ms
Synchronous Gradual Transition
Time
tD-EN-SW
EN-to-Switching Delay
Delay from EN = High to FAULT = High; no
2
ms
pre-bias
Gate Drivers
IPK-HG-SOURCE
HG1 and HG2 Peak Source
Less than 100 ns
1.9
A
Current
RHG-SOURCE
HG1 and HG2 Source
VBOOT − VSW = 5V
2.5
Ω
Resistance
IPK-HG-SINK
HG1 and HG2 Peak Sink Current Less than 100 ns
4
A
RHG-SINK
HG1 and HG2 Sink Resistance
VBOOT − VSW = 5V
1
Ω
IPK-LG-SOURCE
LG1 and LG2 Peak Source
Less than 100 ns
2.3
A
Current
RLG-SOURCE
LG1 and LG2 Source Resistance
2
Ω
IPK-LG-SINK
LG1 and LG2 Peak Sink Current
Less than 100 ns
4
A
RLG-SINK
LG1 and LG2 Sink Resistance
1
Ω
RHG-PULLDOWN HG-SW Pull-Down Resistor
16
k
Ω
RLG-PULLDOWN LG-PGND Pull-Down Resistor
16
k
Ω
tD-HG-LG
HG Falling to LG Rising Cross-
SW node not switching
30
ns
Conduction Protection Delay
(Dead-Time)
tD-LG-HG
LG Falling to HG Rising Delay
28
ns
tDS-HG-LG
HG Falling to LG Rising Cross-
SW node switching
10
ns
Conduction Protection Delay
(Dead-Time)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com