Electronic Components Datasheet Search
  English  ▼

X  

LM3754 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM3754
Description  Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3754 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3754 Datasheet HTML 12Page - Texas Instruments LM3754 Datasheet HTML 13Page - Texas Instruments LM3754 Datasheet HTML 14Page - Texas Instruments LM3754 Datasheet HTML 15Page - Texas Instruments LM3754 Datasheet HTML 16Page - Texas Instruments LM3754 Datasheet HTML 17Page - Texas Instruments LM3754 Datasheet HTML 18Page - Texas Instruments LM3754 Datasheet HTML 19Page - Texas Instruments LM3754 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
LM3754
SNVS789B – JANUARY 2012 – REVISED APRIL 2013
www.ti.com
While the EN pin has a threshold hysteresis of 140 mV typical, a small noise-filtering capacitor may be added
between the EN pin and SGND. This is particularly useful when the controller is turning on via the resistor divider
by a slowly rising VIN rail.
Startup Sequence
When EN is below its threshold, the internal regulators are off and the controller is in a low power state. When
EN crosses above its threshold the VCC regulator turns on. When VCC rises above its under-voltage lockout
threshold the VDD regulator turns on. When VDD rises above its under-voltage lockout threshold the controller is
ready to start.
If VDD or VCC is supplied externally and already sitting above its under-voltage lockout point, then the controller
is ready for startup as soon as EN crosses above its threshold. Anytime VCC or VDD drops below its UV
threshold, switching stops and the controller goes into a standby state. It will go through normal startup once the
supplies recover.
When the controller is ready to start, it reads the voltage on the PH pin and determines how many phases are
running in the system. By this means the phase delay from SYNC to SYNCOUT through the PLL is configured.
Following this the oscillator and PLL turn on and pulses will be observed on SYNCOUT.
A 2 ms timer is initiated so that all of the PLLs in the system can synchronize up. As each controller times out, it
stops pulling its FAULT pin low. At the end of this sequence, the FAULT bus rises and the controllers are ready
to switch.
The error amplifier uses a different input stage when SS is below VREF. During normal operation the error
amplifier employs a low offset bipolar input stage. At startup, the input bias current of this stage is large enough
in relation to the soft-start current to affect the soft-start timing. A MOS input stage is used during the soft-start or
track phase which has a lower input bias current but a higher input offset voltage. A 40 mV offset is introduced
when SS is less than 70 mV. This offset forces the error amplifier output to be low during startup. The offset
transitions progressively to zero as SS moves from 0 to 70 mV.
Soft-Start
The LM3754 implements a soft-start function, and operates so as to prevent discharge of a pre-biased output.
The error amplifier amplifies the minimum of VREF or SS at the FB pin. By means of the closed loop regulation
through the switching stage, FB will be regulated to SS. The Master controller sources 10 µA onto the SS pin,
while the Slaves do not source any current. This sets the total soft-start current in a multi-controller system to 10
µA.
The SS pin is automatically pulled down to SGND prior to the onset of switching and during a restart from a fault
condition. When SS is initially released, COMP is low and no switching occurs. Both LG and HG are held low
while SS is below FB, which ensures that a pre-biased load will not be pulled down. When SS crosses above
either FB or VREF, COMP will slew up and switching will start. The first switching pulse is a 300 ns LG pulse to
charge the external HG bootstrap capacitor. After this the LG pulse width is reduced to zero. This insures that
VOUT does not get pulled down while COMP slews up and the system loop is settling. Pulses on HG cause the
high-side FET to turn-on so that FB tracks the SS pin as it slews up. During the switch cycle off-time the inductor
current can only flow through the body diode of the synchronous switch. During each successive cycle the LG
pulse width gradually increases. Over the course of 0.3 ms to 2.0 ms, depending on the amount of pre-bias, LG
pulses get longer until full synchronous switching occurs. The internal timer waits 2 ms, regardless of duty cycle,
for this transition in LG pulse width to complete.
Following this PGOOD goes high if FB is above the output under-voltage threshold on the Master, SS is above
VREF, no fault conditions are present, and SYNC is toggling on the Slaves.
Phase Number Selection
The voltage at the PH pin determines the phase shift between the two phases of each controller and also the
phase shift between the SYNC and SYNCOUT pulses in a Master-Slave configuration. This voltage is read at
startup and the resulting phase configuration saved. The PH pin should be connected to the center of a resistor
divider between VCC and SGND to select and program the required number of phases and the corresponding
phase delays per Table 1. Each controller requires the same resistor divider at the PH pin.
16
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM3754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com