Electronic Components Datasheet Search
  English  ▼

X  

LM3754 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3754
Description  Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3754 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3754 Datasheet HTML 9Page - Texas Instruments LM3754 Datasheet HTML 10Page - Texas Instruments LM3754 Datasheet HTML 11Page - Texas Instruments LM3754 Datasheet HTML 12Page - Texas Instruments LM3754 Datasheet HTML 13Page - Texas Instruments LM3754 Datasheet HTML 14Page - Texas Instruments LM3754 Datasheet HTML 15Page - Texas Instruments LM3754 Datasheet HTML 16Page - Texas Instruments LM3754 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
LM3754
www.ti.com
SNVS789B – JANUARY 2012 – REVISED APRIL 2013
Functional Description
General
The LM3754 is a two-phase voltage-mode step-down (buck) switching regulator controller. From one to six
LM3754 controllers can be connected together to control from two to twelve phases (2, 3, 4, 5, 6, 8, 10, or 12
phases). Since external switching components can typically handle 25A per phase, a 12 phase system can
supply a total of 300A.
Multiple controllers in a system communicate with each other and work together. They will startup and shut down
together, each phase on each controller will share current equally, and all the phases will react in unison to fault
conditions. In a multi-controller system, all controllers are the same part. One controller functions as the Master
and all the others act as Slaves. The Master and Slave are differentiated by how they are connected in the
system. The Master controller senses the system output voltage and VIN (as well as SS) and sets the target duty
cycle for each phase on all of the controllers. The Master and Slave controllers monitor the current-sense
information from each phase. Based on this current information, the controllers adjust the duty cycle on each
phase up or down from the target level, in order to achieve optimal current sharing.
Each controller incorporates a phase locked loop (PLL) that communicates with the PLLs on the other
controllers. By this means, the switching edges of the different phases are spread out equally within one switch
period. For N phases operating at any switching frequency, the angle in degrees between one phase switching
and the next is 360° / N. A SYNC pin is available that can be used to lock the Master switching frequency and
phase to an external clock.
The LM3754 has a Soft-Start function. The Master controller sources 10 µA out of the SS pin so that the output
voltage rise time is controlled by the size of the external SS capacitor. The LM3754 will not pull down a pre-
biased load. The synchronous NFET switch is not turned on during the soft-start cycle until the SS ramp exceeds
either the FB voltage or the internal reference voltage VREF. At this point a gradual transition to synchronous
switching is initiated.
Control Algorithm
The control architecture is primarily voltage-mode. An error amplifier amplifies the difference between the FB pin
voltage and the internal reference voltage to generate a COMP signal. This signal is compared against a ramp
that consists of a fixed value plus a term proportional to VIN which controls the duty cycle. In order to facilitate
current sharing there is an inner current-sense loop. Information for the current through the inductor in each
phase is sensed either with a sense resistor or with a DCR arrangement which uses the DC resistance of the
inductor. This current-sense signal is connected to the CS pin (CS1 or CS2). The negative reference for current-
sense is VOUT which is common for both phases and connected to the controller’s CSM pin. The controller
amplifies the (CS1(2) – CSM) voltage difference for each phase, and compares it to the voltage on the IAVE pin,
which tracks the average current of all phases. Any phase whose current is more than the average has its duty
cycle decreased and vice versa. The IAVE signal is common to all controllers in a system. Each controller
outputs a current onto the IAVE bus so that the total current on the bus is the sum of the current signals from all
of the phases. An external resistor to ground translates this current signal to a voltage, which all of the controllers
read back.
The LM3754 includes an uncommitted differential amplifier. On the Master controller this amplifier is used to
remotely sense the converter’s output voltage, typically at the load. On the Slave controllers this amplifier is used
to buffer the Master controller’s COMP signal and level shift it to the Slave controller’s local ground.
Power Connections
The LM3754 has three supply pins, which are VIN, VCC, and VDD. It employs two ground pins, SGND and
PGND. VDD and PGND are the power and ground for the gate driver stage that controls the HG and LG pins.
The quiescent current drawn by VDD is very small – around 1 mA. To predict the VDD current requirement one
can assume it is mostly switching current and use the standard formula:
IVDD = (1 or 2) x fSW x QTOTAL_PHASE
(1)
QTOTAL_PHASE is the sum of the high-side switch gate charge and the low-side gate charge. The (1 or 2) factor
corresponds to one or two phases running. The low-side driver is powered directly from VDD. The high-side
driver draws its power from VDD through the external bootstrap Schottky diode. The rest of the controller is
powered by VCC and SGND.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com