Electronic Components Datasheet Search
  English  ▼

X  

LM3754 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3754
Description  Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3754 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3754 Datasheet HTML 13Page - Texas Instruments LM3754 Datasheet HTML 14Page - Texas Instruments LM3754 Datasheet HTML 15Page - Texas Instruments LM3754 Datasheet HTML 16Page - Texas Instruments LM3754 Datasheet HTML 17Page - Texas Instruments LM3754 Datasheet HTML 18Page - Texas Instruments LM3754 Datasheet HTML 19Page - Texas Instruments LM3754 Datasheet HTML 20Page - Texas Instruments LM3754 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
RPH1
RPH2
VCC
PH
LM3754
www.ti.com
SNVS789B – JANUARY 2012 – REVISED APRIL 2013
Figure 17. Phase Selection
Table 1. Phase Divider Resistors
Number Of Phases
Divide Ratio Target
RPH1
RPH2
(± 1%)
(± 1%)
2 & 4 Phases
0.000
Omit
0
3 Phases
0.214
7870
Ω
2150
Ω
5 Phases
0.357
6490
Ω
3570
Ω
6 Phases
0.5
4990
Ω
4990
Ω
8 Phases
0.643
3570
Ω
6490
Ω
10 Phases
0.786
2150
Ω
7870
Ω
12 Phases
1
0
Omit
Over-Current and Over-Voltage Faults
If any controller experiences a fault condition, it will pull the FAULT bus low and all of the controllers will stop
switching. From the time when EN is low to the point where FAULT rises, both HG and LG are low so that the
SW node of each phase is floating. The FAULT input may be pulled low externally through an open drain
MOSFET to disable the system.
The LM3754 employs cycle-by-cycle current limiting. This occurs on each phase for both Master and Slave
controllers. The current (that is the CS1(2)
− CSM voltage) is continuously compared to the over-current set point
(ILIM
− CSM). Any time that the current-sense signal exceeds current limit, the cycle is ended.
In order to determine that a current fault has occurred, each controller counts the number of over-current pulses.
When the sum of the counts for phase 1 and phase 2 reaches 446 an over-current fault is declared. The counter
is reset after 16 consecutive switching cycles with no over-current on either phase.
There is a second method for achieving an over-current fault, which is meant to react to heavy shorts on VOUT.
The Master controller will determine that an over-current fault has occurred after 7 over-current cycles if the
voltage at the FB pin is less than 50% of its target value. This feature is disabled during startup. Since the Slave
controllers do not see the FB voltage, they cannot detect this type of fault.
Any controller which sees an over-current fault will respond by pulling the FAULT bus low. All of the controllers
will react and stop switching. Both HG and LG on each phase will be pulled low. The inductor current in each
phase will decay through the body diodes of the low-side switches. The controller which recognized the over-
current fault will hold FAULT low for 6 ms, which determines the hiccup time. This allows the energy stored in the
inductors to dissipate. After this, FAULT is released and all of the controllers will restart together.
The restart after fault process for the LM3754 is the same as the initial startup process. SS is pulled low and the
system will go through a full soft-start cycle. Switching will resume when SS crosses above FB.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com