Electronic Components Datasheet Search
  English  ▼

X  

LM3754 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3754
Description  Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3754 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3754 Datasheet HTML 17Page - Texas Instruments LM3754 Datasheet HTML 18Page - Texas Instruments LM3754 Datasheet HTML 19Page - Texas Instruments LM3754 Datasheet HTML 20Page - Texas Instruments LM3754 Datasheet HTML 21Page - Texas Instruments LM3754 Datasheet HTML 22Page - Texas Instruments LM3754 Datasheet HTML 23Page - Texas Instruments LM3754 Datasheet HTML 24Page - Texas Instruments LM3754 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
LM3754
www.ti.com
SNVS789B – JANUARY 2012 – REVISED APRIL 2013
On the master controller, the differential amplifier is used to provide Kelvin sensing of the output voltage at the
load. This provides the most accurate sampling for load regulation.
On the slave controllers, the differential amplifier is used to sense the COMP signal of the master controller with
respect to its signal ground and drive the COMP pin of that slave controller relative to its local signal ground. This
allows the master controller to accurately provide the target duty cycle of the slave controllers.
The differential amplifier has a low output impedance to allow it to drive the COMP pins of the Slave controllers.
This is necessary because the current sense signal is internally added to COMP to provide the duty cycle
adjustment for phase-to-phase current sharing.
APPLICATION INFORMATION
Number of Phases
The number of phases can be calculated by dividing the maximum output load current by 25A. Therefore a 120A
load requirement will need at least 5 phases, or 3 controllers. It may be better to use 6 phases which will still
require 3 controllers, but will reduce the maximum current/phase to 20A. Increasing the number of phases will
also reduce the output voltage ripple and the input capacitor requirements. Note that the 25A/phase is dictated
by external components and not by the LM3754. After the number of phases has been chosen, the PH pin on
each controller should be programmed as discussed in the Functional Description under Phase Number
Selection. The same number of phases must be selected for each controller.
Powering Options
The power connections will be determined by the VIN range and the availability of an external 5V rail. This is
discussed in detail in the Functional Description under Power Connections. For 12V input systems, the use of an
external 5V rail to power the VDD bus can improve overall system efficiency.
Multi-Controller Systems
For systems with more than 2 phases, there will be one controller configured as the Master and from 1 to 5
controllers configured as Slave.
The Master controller uses the differential amplifier to sense the output voltage at the load point. It also provides
the common COMP signal used by all controllers, provides the loop compensation and synchronizes the system
clock to an external clock if one is provided.
The SYNCOUT of the Master is connected to the SYNC input of the first Slave controller.
The Slave controllers are configured by tying the FB input to the VCC pin of that controller. Each Slave uses the
differential amplifier to sense the COMP signal of the Master controller and drive its own COMP input. The
SYNCOUT of each Slave controller is connected to the SYNC input of the next Slave controller.
All controllers have the same parallel RC components connected from the FREQ pin to local ground
corresponding to the desired system clock even if synchronizing to an external clock.
Common connections for all controllers:
1) IAVE (each controller will have a parallel RC filter to local ground).
2) FAULT
3) EN
4) SS
5) PGOOD
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com