Electronic Components Datasheet Search
  English  ▼

X  

LM3754 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM3754
Description  Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3754 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3754 Datasheet HTML 14Page - Texas Instruments LM3754 Datasheet HTML 15Page - Texas Instruments LM3754 Datasheet HTML 16Page - Texas Instruments LM3754 Datasheet HTML 17Page - Texas Instruments LM3754 Datasheet HTML 18Page - Texas Instruments LM3754 Datasheet HTML 19Page - Texas Instruments LM3754 Datasheet HTML 20Page - Texas Instruments LM3754 Datasheet HTML 21Page - Texas Instruments LM3754 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
LM3754
SNVS789B – JANUARY 2012 – REVISED APRIL 2013
www.ti.com
Over-voltage faults are only recognized by the Master controller. About 5 µs after FB crosses above the OVP
threshold, which is 30% above VREF, the Master controller declares an over-voltage fault. It pulls the FAULT bus
low and all of the controllers stop switching, with HG being low and LG being high. The low-side MOSFETs pull
VOUT down to remove the over-voltage condition. As soon as FB crosses below the under-voltage detect point,
which is 20% below VREF, the LG outputs go low to turn off the low-side MOSFETs. This prevents the negative
inductor current from ramping too high. The Master controller then waits 2 ms to allow any negative inductor
current to transition into the high-side MOSFETs body diodes.
The restart from an over-voltage fault is the same as the restart from an over-current fault. In addition there is an
over-voltage fault counter. On the seventh over-voltage fault, the system does not restart. It waits for power or
EN to be cycled. This counter is reset to zero when power goes low or EN crosses below its threshold.
PGOOD and PGOOD Delay
PGOOD is an open-drain logic output. It is asserted HIGH when the output voltage level is within the PGOOD
window, which is typically
−20% to +30%. In order to operate, the PGOOD output requires a pull-up resistor to an
appropriate supply voltage. This voltage is typically the supply for an external monitoring circuit. The resistor is
selected so that it limits the PGOOD sink current to less than 4 mA.
PGOOD is delayed from either power-up or VIN under-voltage lockout, and has three primary factors:
1) A synchronization delay, set to 2 ms after the slowest controller in the system recognizes a valid level on
EN, VCC and VDD. This delay is timed out internally and allows for the phase lock loops to synchronize.
2) Soft-Start up, in non-fault conditions.
3) Transition period from diode emulation mode to fully synchronous operation, set to 2 ms.
Current Sense and Current Limit
The LM3754 senses current to enforce equal current sharing and to protect against over-current faults. There are
two system options for sensing current; a current-sense resistor, or a DCR configuration which uses the DC
resistance of the inductor. The current-sense resistor is more accurate but less efficient than the DCR
configuration.
The input range of the differential current-sense signal (CS1(2) – CSM) is from
−15 mV to +40 mV. The common
mode range is the same as the controller’s output range which is 0V to 3.6V. Two considerations determine the
value of the current-sense resistor. If the resistor is too large there is an efficiency loss. If it is too small the
current-sense signal to the controller will be too low. Choose a resistor that gives a full load current-sense signal
of at least 25 mV. This is typically a resistor in the 1 m
Ω to 2 mΩ range. The current-sense resistor is inserted
between the inductor and the load. The load side of the resistor which is VOUT, is connected to CSM, the
negative current-sense input. This is the negative current-sense reference for both phases. The positive side of
the current-sense resistor goes to CS1(2).
For the DCR configuration a series resistor-capacitor combination is substituted for the current-sense resistor.
The resistor connects to the switch node (SW) and the capacitor connects to VOUT. CSM is connected to VOUT as
with the sense resistor. CS1(2) is connected to the center point of the resistor and capacitor, so that the current-
sense signal is developed across the capacitor. The voltage across the capacitor is a low pass filtered version of
the voltage across the resistor-capacitor combination, in the same way the current through the inductor is a low
pass filtered version of the voltage applied across the inductor and its intrinsic series resistance. Choose the
DCR time constant (RDCR x CDCR) to be 1.0 to 1.5 times the inductor time constant (L / RL). RDCR is selected so
that the CS pin input bias current times RDCR does not cause a significant change in the CS voltage. The inductor
time constant and the DCR time constant will skew over temperature since the components have different
temperature coefficients. Critical applications may employ a correction circuit based on a positive temperature
coefficient thermistor (PTC).
The over-current limit is set by placing a resistor between ILIM and CSM. The value of the resistor times the ILIM
current of 94 µA sets the over-current limit.
18
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM3754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com