Electronic Components Datasheet Search
  English  ▼

X  

LM3754 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM3754
Description  Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3754 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM3754 Datasheet HTML 20Page - Texas Instruments LM3754 Datasheet HTML 21Page - Texas Instruments LM3754 Datasheet HTML 22Page - Texas Instruments LM3754 Datasheet HTML 23Page - Texas Instruments LM3754 Datasheet HTML 24Page - Texas Instruments LM3754 Datasheet HTML 25Page - Texas Instruments LM3754 Datasheet HTML 26Page - Texas Instruments LM3754 Datasheet HTML 27Page - Texas Instruments LM3754 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
ICIN(RMS) | IO x D x (1 ± D)
PCIN
| IO
2
x D x (1 ± D) x RCIN
8 x CO x VP
'IO
fC t
2 x VP x VL
L x 'IO
2
CO t
VP x VL
L x 'IO
2
CO t
1 +
1 -
RC x 'IO
VP
2
VP x VL
L x 'IO
2
x
1
CO t
RC d
VP
'IO
'IL
2
PCO = RC x
12
LM3754
SNVS789B – JANUARY 2012 – REVISED APRIL 2013
www.ti.com
The loss associated with the output capacitor series resistance can be estimated as:
(16)
Output Capacitor Design Procedure
For the design example VIN = 12V, VOUT = 1.2V, D = VOUT / VIN = 0.1, L = 440 nH, ΔIL = 9A, ΔIO = 20A and VP =
0.12V.
To meet the transient voltage specification, the maximum RC is:
(17)
For the design example, the maximum RC is 6 mΩ. Choose RC = 3 mΩ as the design limit.
From the equation for VP, the minimum value of CO is:
(18)
For D < 0.5, VL = VOUT
For D > 0.5, VL = VIN − VOUT
With RC = VP / ΔIO this reduces to:
(19)
With RC = 0 this reduces to:
(20)
Since D < 0.5, VL = VOUT. With RC = 3 mΩ, the minimum value for CO is 476 μF.
The minimum control loop bandwidth fC is given by:
(21)
For the design example, the minimum value for fC is 44 kHz. Two 220 μF, 5 mΩ polymer capacitors in parallel
with two 22
μF, 3 mΩ ceramics per phase will meet the target output voltage ripple and transient specification.
Input Capacitors
The input capacitors for a buck regulator are used to smooth the large current pulses drawn by the inductor and
load when the high-side MOSFET is on. Due to this large ac stress, input capacitors are usually selected on the
basis of their ac rms current rating rather than bulk capacitance. Low ESR is beneficial because it reduces the
power dissipation in the capacitors. Although any of the capacitor types mentioned in the Output Capacitors
section can be used, ceramic capacitors are common because of their low series resistance. In general the input
to a buck converter does not require as much bulk capacitance as the output.
The input capacitors should be selected for rms current rating and minimum ripple voltage. The equation for the
rms current and power loss of the input capacitor in a single phase can be estimated as:
24
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM3754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com