Electronic Components Datasheet Search
  English  ▼

X  

LM3754 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3754
Description  Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3754 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3754 Datasheet HTML 3Page - Texas Instruments LM3754 Datasheet HTML 4Page - Texas Instruments LM3754 Datasheet HTML 5Page - Texas Instruments LM3754 Datasheet HTML 6Page - Texas Instruments LM3754 Datasheet HTML 7Page - Texas Instruments LM3754 Datasheet HTML 8Page - Texas Instruments LM3754 Datasheet HTML 9Page - Texas Instruments LM3754 Datasheet HTML 10Page - Texas Instruments LM3754 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
LM3754
www.ti.com
SNVS789B – JANUARY 2012 – REVISED APRIL 2013
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of −5°C to
+125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated VVIN =
12V, VVDD = 5V, VVCC = internal LDO, VEN = 2V, RFRQ = 78.7 kΩ, VPH = 0V, VCS1 = VCS2 = VCSM = VSS = VSNSP = 1.8V, VILIM −
VCSM = 100 mV, VSNSM = VSYNC = 0V, VSYNCOUT floating.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Differential Amplifier: SNSP, SNSM, VDIF
VOS-INPUT
Input Offset Voltage
VSNSP = 1.8V
3
mV
RINPUT-SNSP
Input Resistance of SNSP
30
k
Ω
AV-DIF
Gain
VSNSP = 0.6V to 3.6V
0.996
1
1.004
V/V
fBW-DIF
3dB Bandwidth
2
MHz
VDIF-REG1
VDIF Load Regulation, Sourcing
VVDIF = 3.6V, IVDIF = 0.5 mA
−3
mV
VDIF-REG2
VDIF Load Regulation, Sourcing
VVDIF = 0.6V, IVDIF = 0.5 mA
−3
mV
Current-Sense, Current Limit and Hiccup Mode: CS1, CS2, CSM, ILIM
VCS-OS
Current-Sense Input Offset
VOUT = 1.8V
±2
mV
Voltage Range, VCS1(2) – VCSM
ICS
CS1, CS2 Input Bias Current
VCSM = 3.6V, VCS1(2) − VCSM = −15 mV and
−200
200
nA
+40 mV
VCSM = 0.6V, VCS1(2) − VCSM = −15 mV and
−450
450
nA
+40 mV
ICSM
CSM Input Source Bias Current
VCSM = 0.6V and 3.6V, VCS1(2) − VCSM = 40
150
240
µA
mV
ICSL
CS1+ CS2 + CSM + ILIM
VVCC = 0V, VEN = 0V, VCSM = VCS1 = VCS2 =
0.1
µA
Leakage Current with Pre-Biased
VILIM = 3.6V
Output
fBW-CS
3dB Bandwidth, CS1(2) to PWM
1.0
MHz
COMPARATOR Input
IILIM-SOURCE
ILIM Source Current
VILIM = 0.6V to 3.6V, VVIN = 5.5V
85
94
103
µA
VCL
Current Limit Threshold Voltage
VILIM = 0.6V to 3.6V, VVIN = 5.5V
−2.5
0
4.6
mV
VILIM − VCS1(2)
tD-CL
Current Limit Comparator
VCS1 or VCS2 stepped from 0.9V to 1.1V, VILIM
200
ns
Propagation Delay
= 1V
tD-ILIM
Master or Slave Fast Current
VFB = 280 mV, 1-phase over-current:
7
Switch
Limit Delay
VCS1 OR VCS2 > VILIM
cycles
VFB = 280 mV, 2-phase over-current:
3
Switch
VCS1 AND VCS2 > VILIM
cycles
tD-HICCUP
Master or Slave Over-Current
1-phase over-current:
446
Switch
Hiccup Mode Delay
VCS1 OR VCS2 > VILIM
cycles
2-phase over-current:
223
Switch
VCS1 AND VCS2 > VILIM
cycles
tD-COOL-DOWN
Hiccup Over-Current Cool-Down
6
ms
Time
Power Good: PGOOD, OVP, UVP
VOVP
OVP Threshold
VFB rising edge
125
130
135
%VFB
tD-RESTART
OVP Restart Delay
2
ms
NOVP-LATCH
Number of OVP Events Before
7
Latch-Off
VUVP
UVP Threshold
VFB falling edge
75
80
85
%VFB
VUVP-HYS
UVP Threshold Hysteresis
25
mV
tD-OVP/UVP
OVP/UVP Debounce Time
5
µs
VPG-LO
PGOOD Low Level
IPGOOD = −4 mA
0.14
0.25
V
IPG-LEAK
PGOOD Leakage Current
VPGOOD = 5.5V
5
300
nA
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com