Electronic Components Datasheet Search
  English  ▼

X  

LM3754 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3754
Description  Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3754 Datasheet(HTML) 3 Page - Texas Instruments

  LM3754 Datasheet HTML 1Page - Texas Instruments LM3754 Datasheet HTML 2Page - Texas Instruments LM3754 Datasheet HTML 3Page - Texas Instruments LM3754 Datasheet HTML 4Page - Texas Instruments LM3754 Datasheet HTML 5Page - Texas Instruments LM3754 Datasheet HTML 6Page - Texas Instruments LM3754 Datasheet HTML 7Page - Texas Instruments LM3754 Datasheet HTML 8Page - Texas Instruments LM3754 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
LM3754
www.ti.com
SNVS789B – JANUARY 2012 – REVISED APRIL 2013
Pin Descriptions (continued)
Pin Number
Pin Name
Description
12
SYNC
Synchronization Input. SYNCOUT of one controller is connected to SYNC of the next controller in a
daisy-chain fashion. To synchronize the whole chain of controllers to an external clock, wire the external
clock to the SYNC pin of the first controller of the chain (called the Master controller). Otherwise,
connect the SYNC input of the Master controller to ground and all of the controllers will be controlled by
the internal oscillator of the Master.
13
FAULT
Input/Output. Wire the FAULT pin of all controllers together. FAULT gets pulled Low during startup, an
over-current fault, or an over-voltage fault. FAULT = Low signals all controllers to stop switching and
prepare for the next startup sequence. The first LM3754 in the system (the Master) supplies the FAULT
pin pull-up current for all of the controllers.
14
NBASE
Connect to the base of external series-pass NPN if using the LM3754 internal LDO controller to
generate VDD. Otherwise leave unconnected.
15
VIN
Input Voltage. Connect VIN to the input supply rail used to supply the power stages. This input is used
to provide the feed-forward for the voltage control of VOUT and for generating the internal VCC voltage.
16
VCC
Supply for internal control circuitry. Decouple VCC to PGND with a ceramic capacitor. When VIN > 5.5V,
the internal LDO will supply 4.35V to this pin. When 4.5V < VIN < 5.5V, connect VIN to VCC. In this
case the internal VCC LDO will turn off and VCC current will be supplied directly by VIN.
17
SGND
Signal Ground. Tie PGND and SGND together on the board through the DAP.
18
COMP
Error Amplifier Output. For the Master, a compensation network is placed between the COMP pin and
the FB pin. The COMP pin of the Master should be connected to the SNSP pin of each of the Slaves.
The COMP pin of each of the Slaves must be connected to its VDIF pin
19
FB
Feedback Input. This is the inverting input of the error amplifier. Connect the Master FB pin to the output
voltage divider and compensation network. Connect each Slave FB pin to its own VCC pin. This will put
that controller in Slave mode and disable its error amplifier.
20
VDIF
Output of the remote-sense differential amplifier. Connect the Master VDIF pin to the output voltage
divider and compensation network. The Slave differential amplifier is used to buffer COMP from the
Master controller. Connect each Slave VDIF pin to its own COMP pin.
21
SNSM
Inverting input of the remote-sense differential amplifier. Connect SNSM of the Master controller to
PGND at the load point. On Slave controllers, the differential amplifier is used to buffer COMP from the
Master controller. Connect SNSM of each Slave controller directly to the Master controller SGND pin.
22
SNSP
Non-inverting input of the remote-sense differential amplifier. Connect the SNSP of the Master controller
to VOUT at the load point. On Slave controllers, the differential amplifier is used to buffer COMP of the
Master controller. Connect SNSP of each Slave controller to the Master controller COMP pin.
23
SS
Soft-Start. Connect the SS pins of all of the controllers in the system together. At the Master controller,
connect a soft-start capacitor between SS and SGND. Only the Master controller supplies the pull up
current to the SS capacitor.
24
FREQ
Frequency Adjust. A frequency adjust resistor and decoupling capacitor are connected between FREQ
and SGND to program the switching frequency between 200 kHz to 1 MHz (each phase). These
components must be supplied on the Master and Slaves, even if the system is synchronized to an
external clock.
25
IAVE
Current Averaging. Connect a 4.02 k
Ω, 1%, resistor between each controller’s IAVE pin and SGND. In
the case where one phase is not used, connect an 8.06 k
Ω resistor. Connect a filter capacitor between
IAVE and SGND at each controller,
26
EN
Enable Input. Used for VIN UVLO function, connect EN to the midpoint of a voltage divider from VIN to
SGND. The EN pins of all controllers must be wired together. For an on/off EN function, wire the EN
pins of all controllers together and control with an open drain output.
27
CS2
Positive current-sense input of Phase 2. Connect to the DCR network or the current-sense resistor of
Phase 2. The negative current-sense input is the CSM pin.
28
ILIM
Current Limit Set. Connect a resistor between ILIM and CSM. The resistance between ILIM and CSM
programs the current limit.
29
CSM
Negative current-sense input of the internal current-sense amplifiers. Connect to VOUT.
30
CS1
Positive current-sense input of Phase 1. Connect to the DCR network or the current-sense resistor of
Phase 1. The negative current-sense input is the CSM pin.
31
PH
Phase Select Input. Connect this pin to the middle of a resistor divider between VCC and SGND to
program the number of phases in the system.
32
BOOT2
Bootstrap pin of Phase 2 for the high-side gate drive power supply.
DAP
Die Attach Pad. Must be connected to PGND and SGND but cannot be used as the primary ground
connection; do not place any traces or vias other than GND in the outer layer under the DAP; see
application note AN-1187 (literature number SNOA401).
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com