Electronic Components Datasheet Search
  English  ▼

X  

LM3754 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LM3754
Description  Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3754 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM3754 Datasheet HTML 27Page - Texas Instruments LM3754 Datasheet HTML 28Page - Texas Instruments LM3754 Datasheet HTML 29Page - Texas Instruments LM3754 Datasheet HTML 30Page - Texas Instruments LM3754 Datasheet HTML 31Page - Texas Instruments LM3754 Datasheet HTML 32Page - Texas Instruments LM3754 Datasheet HTML 33Page - Texas Instruments LM3754 Datasheet HTML 34Page - Texas Instruments LM3754 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
Ri = A x RS
T =
1
fSW
D =
VO
VIN
Ha (s) =
s x CAV x RAV
1 + s x CAV x RAV
KD = 1 +
Km x Ri x Ha(s)
RO
AVP =
Km
KD
öZ =
CO x RC
1
Km =
(0.5 ± D) x Ri x
T
L
+ KFF
1
öP x QP =
+ CO x (RC + Km x Ri x Ha(s))
KD
L
RO
öP
2 =
L x CO
KD
= AVP x
1 +
s
öZ
1 +
s
öP x QP
+
öP
2
s
2
vO
vC
LM3754
www.ti.com
SNVS789B – JANUARY 2012 – REVISED APRIL 2013
The simplified power stage transfer function (also called the control-to-output transfer function) for the LM3754
can be written as:
where
•
(60)
With:
(61)
Km is the dc modulator gain and Ri is the current-sharing gain. KFF is the input voltage feed-forward term, which
is internally set to a value of 0.232 V/V. The IAVE filter is accounted for by Ha(s), which provides additional
damping of the modulator transfer function.
RAV sets the gain of the current averaging amplifier. A fixed value of 8 kΩ/phase must be used for proper scaling.
Since the effective resistance is in parallel, each LM3754 should have a 4.02 k
Ω 1% resistor at IAVE for 2-
phase/controller operation. CAV sets the IAVE filter time constant of the current sharing amplifier. For optimal
performance of the current sharing circuit, the IAVE filter is designed to settle to its final value in five switching
cycles. The optimal IAVE time constant is defined as:
T = CAV x RAV
(62)
A value of CAV = 1/(RAV x fSW) per phase must be used for the optimal time constant. Each LM3754 should have
a value of two times the normalized single phase value of CAV at IAVE for 2-phase/controller operation. In this
manner, the IAVE time constant maintains a fixed value of T for any number of phases.
Typical frequency response of the gain and the phase for the power stage are shown in Figure 23 and Figure 24.
It is designed for VIN = 12V, VOUT = 1.2V, IOUT = 25A per phase and a switching frequency of 300 kHz. For 2-
phase operation RAV = 4.02 kΩ and CAV = 1000 pF. The power stage component values per phase are:
L = 0.44
μH, RL = 0.52 mΩ, CO1 = 440 μF, RC1 = 2.5 mΩ, CO2 = 44 μF, RC2 = 1.5 mΩ, RS = RL = 0.52 mΩ and
RO = VOUT / IOUT = 48 mΩ.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LM3754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com