Electronic Components Datasheet Search
  English  ▼

X  

LM3754 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LM3754
Description  Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3754 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM3754 Datasheet HTML 29Page - Texas Instruments LM3754 Datasheet HTML 30Page - Texas Instruments LM3754 Datasheet HTML 31Page - Texas Instruments LM3754 Datasheet HTML 32Page - Texas Instruments LM3754 Datasheet HTML 33Page - Texas Instruments LM3754 Datasheet HTML 34Page - Texas Instruments LM3754 Datasheet HTML 35Page - Texas Instruments LM3754 Datasheet HTML 36Page - Texas Instruments LM3754 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
R1 = RC1
C1 = CO1
R2 = RC2
C2 = CO2
RC = Z x cos(A)
X2 =
1
ö x C2
X1 =
1
ö x C1
ö x Z x sin(A)
CO =
1
A = tan
-1
+ tan
-1
X2
R2
- tan
-1
X1 + X2
R1 + R2
X1
R1
(R1 + R2)
2
+ (X1 + X2)
2
R1
2
+ X1
2
R2
2
+ X2
2
x
Z =
ö = 2 x S x f
öC = 2 x S x fC
öSW = 2 x S x fSW
öZ =
CO x RC
1
öP =
L x CO
1
Ri = A x RS
T =
1
fSW
D =
VO
VIN
Km =
(0.5 ± D) x Ri x
T
L
+ KFF
1
LM3754
www.ti.com
SNVS789B – JANUARY 2012 – REVISED APRIL 2013
Based on the previously defined power stage values, calculate general terms:
(65)
For the design example D = 0.1, Ri = 0.026Ω, T = 3.33 μs and Km = 3.22.
Calculate the output filter pole frequency and the ESR zero frequency from:
(66)
For the output filter pole using CO = CO1 + CO2, ωP = 68.5 krad/sec. Since CO1 >> CO2, the ESR zero is
calculated using CO1 and RC1 as ωZ = 909 krad/sec.
Choose a target crossover frequency fC greater than the minimum control loop bandwidth from the Output
Capacitors section. The optimum value of the crossover frequency is usually between 5 and 10 times the filter
pole frequency. With fP = ωP / (2 x π) = 10.9 kHz, this places fC between 54.5 kHz and 109 kHz. The upper limit
for fC is typically set at 1/5 of the switching frequency.
(67)
Choosing fC = 60 kHz for the design example ωC = 377 krad/sec. The switching frequency is ωSW = 1.88
Mrad/sec.
For output capacitors with very low ESR, if the target crossover frequency is more than 10 times the filter pole
frequency, bandwidth limiting of the error amplifier may occur. See the Comprehensive Equations section to
incorporate the error amplifier bandwidth into the design procedure.
For reference, the parallel equivalent CO and RC at any frequency can be calculated from:
(68)
At the target crossover frequency X1 = 0.00603, X2 = 0.0603, Z = 0.00592 and A = 1.213. The parallel
equivalent CO = 478 μF and RC = 2.1 mΩ.
Calculate the error amplifier gain coefficient and the compensation component values. The (1
− ωP/ωC) term is
the correction factor for the modulator damping.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LM3754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com