Electronic Components Datasheet Search
  English  ▼

X  

LM3754 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM3754
Description  Scalable 2-Phase Synchronous Buck Controller with Integrated FET Drivers and Linear Regulator Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3754 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM3754 Datasheet HTML 16Page - Texas Instruments LM3754 Datasheet HTML 17Page - Texas Instruments LM3754 Datasheet HTML 18Page - Texas Instruments LM3754 Datasheet HTML 19Page - Texas Instruments LM3754 Datasheet HTML 20Page - Texas Instruments LM3754 Datasheet HTML 21Page - Texas Instruments LM3754 Datasheet HTML 22Page - Texas Instruments LM3754 Datasheet HTML 23Page - Texas Instruments LM3754 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
+
-
R
R
R
R
VDIF
SNSP
SNSM
HG
SW
LG
CBOOT
VDD
LM3754
+
VIN
BOOT
DBOOT
VOUT
LM3754
SNVS789B – JANUARY 2012 – REVISED APRIL 2013
www.ti.com
Duty Cycle Limitation
The minimum controllable on-time is typically 50 ns. This limits the maximum VIN , VOUT and fSW combination.
fSW < (VOUT / VIN) x 20 MHz
(6)
The maximum specified duty cycle is 81%. This limits the minimum VIN to VOUT ratio.
(VOUT / VIN) x 1.25 < 0.81
(7)
The 1.25 term allows margin for efficiency and transient response.
Thermal Shutdown
The internal thermal shutdown circuit causes the PWM control circuitry to be reset and the NFET drivers to turn
off all external power MOSFETs. The controller remains enabled and all bias circuitry remains on. After the die
temperature falls below the lower hysteresis point, the controller will restart.
NFET Synchronous Drivers
The LM3754 has two sets of gate drivers designed for driving N-channel MOSFETs in a synchronous mode.
Power to the high-side driver is supplied through the BOOT pin. For the high-side gate HG to turn on the high-
side FET, the BOOT voltage must be at least one VGS greater than VIN. This voltage is supplied from a local
charge pump which consists of a Schottky diode and bootstrap capacitor, shown in Figure 18. For the Schottky,
a rating of at least 250 mA and 30V is recommended. A dual package may be used to supply both BOOT1 and
BOOT2 for each controller.
Both the bootstrap and the low-side FET driver are fed from VDD. The drive voltage for the top FET driver is
about VDD
− 0.5V at light load condition and about VDD at normal to full load condition.
Figure 18. Bootstrap Circuit
Remote Sense Differential Amplifier
The differential amplifier connected internally to the SNSP, SNSM and VDIF pins is a single stage unity gain
Instrumentation amplifier. The differential gain is tightly controlled to within 0.4%.
Figure 19. Differential Amplifier
20
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM3754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com