Electronic Components Datasheet Search
  English  ▼

X  

LMX2433 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2433
Description  Dual High-Frequency Synthesizer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2433 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMX2433 Datasheet HTML 13Page - Texas Instruments LMX2433 Datasheet HTML 14Page - Texas Instruments LMX2433 Datasheet HTML 15Page - Texas Instruments LMX2433 Datasheet HTML 16Page - Texas Instruments LMX2433 Datasheet HTML 17Page - Texas Instruments LMX2433 Datasheet HTML 18Page - Texas Instruments LMX2433 Datasheet HTML 19Page - Texas Instruments LMX2433 Datasheet HTML 20Page - Texas Instruments LMX2433 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
LMX2430, LMX2433, LMX2434
www.ti.com
SNAS187D – FEBRUARY 2003 – REVISED JANUARY 2016
Bench Test Setups (continued)
Figure 28 shows the setup required to measure the RF input impedance of the LMX243x device. The same
setup is used for the LMX2430PW evaluation board. Measuring the input impedance of the device facilitates the
design of appropriate matching networks to match the PLL to the VCO, or in more critical situations, to the
characteristic impedance of the printed-circuit-board (PCB) trace, to prevent undesired transmission line effects.
The FinIF input impedance is evaluated in the same way.
Before the actual measurements are taken, the network analyzer must be calibrated, that is, the error coefficients
must be calculated. The calibration standard of the network analyzer is used to calculate these coefficients. The
calibration standard includes an open, short and a matched load. A 1-port calibration is implemented here.
To calculate the coefficients, the PLL chip is first removed from the PCB. A piece of semi-rigid coaxial cable is
then soldered to the pad on the PCB which is equivalent to the FinRF pin on the PLL chip. Proper grounding
near the exposed tip of the semi-rigid coaxial cable is required for accurate results. The DC blocking capacitor is
removed for this test. The network analyzer port is then connected to the other end of the semi-rigid coaxial
cable. In this way, the semi-rigid coaxial cable acts as a transmission line. This transmission line adds electrical
length and produces an offset from the reference plane of the network analyzer; therefore, it must be included in
the calibration. The desired operating frequency is then set. The typical frequency range selected for the RF
synthesizer of the LMX243x device is from 100 MHz to 6000 MHz.
The network analyzer calculates the calibration coefficients based on the measured S11 parameters. With this all
done, calibration is now complete.
The PLL chip is then placed on the PCB, and a power supply connected to VCC. The EN, ENosc, and OSCin pins
are all tied to VCC. Alternatively, the OSCin pin can be tied to ground. In this setup, the complementary input
(FinRF*) is AC-coupled to ground. With the network analyzer still connected to the semi-rigid coaxial cable, the
measured FinRF impedance is displayed.
The OSCin input impedance is measured in the same way. The impedance is measured when the oscillator
buffer is powered up (ENosc is set HIGH) and when the oscillator buffer is powered down (ENosc pin is set
LOW).
Table 1. LMX243x ULGA FinRF Input Impedance Table(1)
fFinRF
|
Γ|
ANGLE (
Γ)
Re {ZFinRF}
Im {ZFinRF}
|ZFinRF|
(MHz)
(°)
(
Ω)
(
Ω)
(
Ω)
100
0.86
–8.63
334.27
–339.55
476.48
200
0.86
–10.72
265.44
–313.48
410.77
300
0.85
–13.48
202.09
–281.42
346.46
400
0.84
–17.01
150.76
–245.31
287.93
500
0.83
–21.05
112.18
–212.85
240.60
600
0.82
–25.32
85.96
–185.41
204.37
700
0.82
–29.78
67.32
–162.49
175.88
800
0.81
–34.35
54.27
–143.15
153.09
900
0.80
–39.02
44.76
–127.07
134.72
1000
0.80
–43.83
37.32
–113.62
119.59
1100
0.79
–48.76
31.65
–102.07
106.86
1200
0.79
–53.90
27.30
–91.89
95.86
1300
0.78
–59.07
23.84
–82.83
86.19
1400
0.78
–64.41
21.34
–74.84
77.82
1500
0.77
–70.04
19.20
–67.56
70.24
1600
0.76
–75.84
17.46
–60.88
63.33
1700
0.75
–82.06
16.27
–54.72
57.09
1800
0.73
–88.56
15.36
–48.89
51.25
1900
0.72
–95.19
14.90
–43.34
45.83
2000
0.70
–101.45
14.32
–38.66
41.23
(1)
VCC = EN = 2.5 V, TA = 25°C
Copyright © 2003–2016, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMX2430 LMX2433 LMX2434



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com