Electronic Components Datasheet Search
  English  ▼

X  

LMX2433 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2433
Description  Dual High-Frequency Synthesizer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2433 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LMX2433 Datasheet HTML 24Page - Texas Instruments LMX2433 Datasheet HTML 25Page - Texas Instruments LMX2433 Datasheet HTML 26Page - Texas Instruments LMX2433 Datasheet HTML 27Page - Texas Instruments LMX2433 Datasheet HTML 28Page - Texas Instruments LMX2433 Datasheet HTML 29Page - Texas Instruments LMX2433 Datasheet HTML 30Page - Texas Instruments LMX2433 Datasheet HTML 31Page - Texas Instruments LMX2433 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
LMX2430, LMX2433, LMX2434
SNAS187D – FEBRUARY 2003 – REVISED JANUARY 2016
www.ti.com
Feature Description (continued)
NOTE
The R and N outputs that are routed to the Ftest/LD are R/2 and N/2, respectively. The
internal /2 circuit is used to provide a 50% duty cycle. Refer to MUX[3:0] - Multifunction
Output Select (R3[23:22]:R0[23:22]) for more details on how to route the appropriate
divider output to the Ftest/LD pin.
9.3.9 Fastlock Output
The LMX243x fastlock feature allows a faster loop response time during lock aquisition. The loop response time
(lock time) can be approximately halved if the loop bandwidth is doubled. In order to achieve this, the same gain
/ phase relationship must be maintained when the loop bandwidth is doubled. When the FLoutRF or OSCout/
FLoutIF pins are configured as fastLock outputs, an open-drain device is enabled. The open-drain device
switches in a resistor parallel, and of equal value, to R2 of the external loop filter.
The loop bandwidth is effectively doubled and stability is maintained. Once locked to the correct frequency, the
PLL returns to a steady-state condition. The LMX243x offers two methods to achieve fastlock: manual and
automatic. Manual fastlock is achieved by increasing the charge pump current from 1 mA (RF_CPG/ IF_CPG Bit
= 0) in the steady-state mode, to 4 mA (RF_CPG/ IF_CPG Bit = 1) in fastlock mode. Automatic fastlock is
achieved by programming the time-out counter register (RF_TOC/ IF_TOC) with the appropriate number of
phase comparison cycles that the RF/ IF synthesizer spends in the fastlock state. Refer to R2 Register and R5
Register for details on how to configure the FLoutRF or OSCout/ FLoutIF output to an open-drain fastlock output.
9.3.10 Counter Reset
When the RF_RST/ IF_RST bit is enabled, both the feedback divider (RF_N/ IF_N) and reference divider (RF_R/
IF_R) are held at their load point. When the device is programmed to normal operation, both the feedback divider
and reference divider are enabled and resume counting in close alignment to each other. Refer to RF_RST - RF
Synthesizer Counter Reset (R0[21]) and IF_RST - IF Synthesizer Counter Reset (R3[21]) for more details.
9.4 Device Functional Modes
9.4.1 Power Control
The LMX243x device can be asynchronously powered down when the EN pin is set LOW, independent of the
state of the power-down bits.
NOTE
The OSCout/ FLoutIF pin can still be enabled if the ENosc pin is set HIGH, independent of
the state of the EN pin. This capability allows the oscillator buffer to be used as a crystal
oscillator.
When EN is set HIGH, power down is controlled through the MICROWIRE. The power-down word is comprised
of the RF_PD/ IF_PD bit, in conjunction with the RF_CPT/ IF_CPT bit. The power-down control word is used to
set the operating mode of the device. Refer to RF_CPT - RF Synthesizer Charge-Pump Tri-State (R0[20]),
RF_PD - RF Synthesizer Power Down (R1[23]), IF_CPT - IF Synthesizer Charge-Pump Tri-State (R3[20]), and
IF_PD - IF Synthesizer Power Down (R4[23]) for details on how to program the RF or IF power-down bits.
When either synthesizer is powered down, the respective prescaler, phase detector, and charge-pump circuit is
disabled. The CPoutRF/ CPoutIF, FinRF/ FinIF, and FinRF* pins are all forced to a high impedance state. The
reference divider and feedback divider circuits are held at the load point during power down. The oscillator buffer
is disabled when the ENosc pin is set LOW. The OSCin pin is forced to a HIGH state through an approximate
100-k
Ω resistance when this condition exists. When either synthesizer is activated, the respective prescaler,
phase detector, charge-pump circuit, and the oscillator buffer are all powered up. The feedback divider and
28
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Product Folder Links: LMX2430 LMX2433 LMX2434



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com