Electronic Components Datasheet Search
  English  ▼

X  

LMX2433 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2433
Description  Dual High-Frequency Synthesizer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2433 Datasheet(HTML) 37 Page - Texas Instruments

Back Button LMX2433 Datasheet HTML 33Page - Texas Instruments LMX2433 Datasheet HTML 34Page - Texas Instruments LMX2433 Datasheet HTML 35Page - Texas Instruments LMX2433 Datasheet HTML 36Page - Texas Instruments LMX2433 Datasheet HTML 37Page - Texas Instruments LMX2433 Datasheet HTML 38Page - Texas Instruments LMX2433 Datasheet HTML 39Page - Texas Instruments LMX2433 Datasheet HTML 40Page - Texas Instruments LMX2433 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
LMX2430, LMX2433, LMX2434
www.ti.com
SNAS187D – FEBRUARY 2003 – REVISED JANUARY 2016
9.6.4.2.5
IF_RST - IF Synthesizer Counter Reset (R3[21])
The IF_RST bit resets of the IF_A, IF_B and IF_R counters. After removing the reset, the IF_A and IF_B
counters resume counting in close alignment with the IF_R counter. The maximum error is one prescaler cycle.
Table 32. IF PLL Counter Reset
FUNCTION
CONTROL BIT
REGISTER LOCATION
DESCRIPTION
0
1
IF_RST
R3[21]
IF Counter Reset
IF_A, IF_B and IF_R
IF_A, IF_B and IF_R
Normal Operation
Reset
9.6.5 R4 Register
The R4 register contains the IF_A, IF_B, IF_P, and IF_PD control words. The IF_A and IF_B control words are
used to set up the programmable feedback divider. The detailed descriptions and programming information for
each control word is discussed in the following sections. R4[21] is always set to 0.
Table 33. R4 Register
REG
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ADDRESS
DATA[20:0] FIELD
[2:0]
FIELD
IF_
IF_
R4
0
IF_B[13:0]
IF_A[3:0]
1
0
0
PD
P
9.6.5.1 IF_A[3:0] - IF Synthesizer Swallow Counter (A Counter) (R4[6:3])
The IF_A control word is used to set up the A counter of the IF synthesizer. The A counter is a 4-bit swallow
counter used in the programmable feedback divider. The IF_A control word can be programmed to values
ranging from 0 to 15.
Table 34. IF A counter Bit
IF_A[3:0]
DIVIDE RATIO
3
2
1
0
0
0
0
0
0
1
0
0
0
1
•
•
•
•
•
15
1
1
1
1
9.6.5.2 IF_B[13:0] - IF Synthesizer Programmable Binary Counter (B Counter) (R4[20:7])
The IF_B control word is used to set up the B counter of the IF synthesizer. The B counter is a 14-bit
programmable binary counter used in the programmable feedback divider. The IF_B control word can be
programmed to values ranging from 3 to 16,383. Divide ratios less than 3 are prohibited.
Table 35. IF B Counter
IF_B[13:0]
DIVIDE
RATIO
13
12
11
10
9
8
7
6
5
4
3
2
1
0
3
0
0
0
0
0
0
0
0
0
0
0
0
1
1
4
0
0
0
0
0
0
0
0
0
0
0
1
0
0
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
16383
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Copyright © 2003–2016, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: LMX2430 LMX2433 LMX2434



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com