Electronic Components Datasheet Search
  English  ▼

X  

LMX2433 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2433
Description  Dual High-Frequency Synthesizer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2433 Datasheet(HTML) 38 Page - Texas Instruments

Back Button LMX2433 Datasheet HTML 34Page - Texas Instruments LMX2433 Datasheet HTML 35Page - Texas Instruments LMX2433 Datasheet HTML 36Page - Texas Instruments LMX2433 Datasheet HTML 37Page - Texas Instruments LMX2433 Datasheet HTML 38Page - Texas Instruments LMX2433 Datasheet HTML 39Page - Texas Instruments LMX2433 Datasheet HTML 40Page - Texas Instruments LMX2433 Datasheet HTML 41Page - Texas Instruments LMX2433 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
LMX2430, LMX2433, LMX2434
SNAS187D – FEBRUARY 2003 – REVISED JANUARY 2016
www.ti.com
9.6.5.2.1
IF_P - IF Synthesizer Prescaler Select (R4[22])
The LMX243x IF synthesizer uses a selectable dual modulus prescaler. An 8/9 or a 16/17 prescale ratio can be
selected.
Table 36. IF Prescaler Select Bit
FUNCTION
CONTROL BIT
REGISTER LOCATION
DESCRIPTION
0
1
IF_P
R4[22]
IF Prescaler Select
8/9 Prescaler Selected
16/17 Prescaler Selected
9.6.5.3 IF_PD - IF Synthesizer Power Down (R4[23])
The IF_PD bit is used to switch the IF PLL between a powered-up and powered-down mode.
Furthermore, the IF_PD bit operates in conjuction with the IF_CPT bit to set a synchronous or an asynchronous
power-down mode. Refer to IF_CPT - IF Synthesizer Charge-Pump Tri-State (R3[20]) for more details on how to
program the IF_CPT bit.
Table 37. IF PLL Powerdown Bit
FUNCTION
CONTROL BIT
REGISTER LOCATION
DESCRIPTION
0
1
IF_PD
R4[23]
IF Power down
IF PLL Active
IF PLL Power down
9.6.6 R5 Register
The R5 Register contains the IF_TOC control word. The IF_TOC is used to set up the fastlock circuitry of the IF
synthesizer. The IF_TOC is a 12-bit binary counter programmable from 0 to 4095.
Table 38. R5 Register
REG
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ADDRESS
DATA[20:0] FIELD
[2:0]
FIELD
R5
0
0
0
0
0
0
0
0
0
IF_TOC[11:0]
1
0
1
38
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Product Folder Links: LMX2430 LMX2433 LMX2434



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com