Electronic Components Datasheet Search
  English  ▼

X  

LMX2433 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2433
Description  Dual High-Frequency Synthesizer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2433 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMX2433 Datasheet HTML 19Page - Texas Instruments LMX2433 Datasheet HTML 20Page - Texas Instruments LMX2433 Datasheet HTML 21Page - Texas Instruments LMX2433 Datasheet HTML 22Page - Texas Instruments LMX2433 Datasheet HTML 23Page - Texas Instruments LMX2433 Datasheet HTML 24Page - Texas Instruments LMX2433 Datasheet HTML 25Page - Texas Instruments LMX2433 Datasheet HTML 26Page - Texas Instruments LMX2433 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
LMX2430, LMX2433, LMX2434
www.ti.com
SNAS187D – FEBRUARY 2003 – REVISED JANUARY 2016
9 Detailed Description
9.1 Overview
The basic phase-lock-loop (PLL) configuration consists of a high-stability crystal reference oscillator, a frequency
synthesizer such as the LMX243x, a voltage controlled oscillator (VCO), and a passive loop filter. The frequency
synthesizer includes a phase detector, current-mode charge pump, programmable reference R and feedback N
frequency dividers. The VCO frequency is established by dividing the crystal reference signal down through the
reference divider to obtain a comparison reference frequency. This reference signal, fr, is then presented to the
input of a phase / frequency detector and compared with the feedback signal, fp, which was obtained by dividing
the VCO frequency down by way of the feedback divider. The phase and frequency detector (PFD) measures the
phase error between the fr and fp signals and outputs control signals that are directly proportional to the phase
error. The charge pump then pumps charge into or out of the loop filter based on the magnitude and direction of
the phase error. The loop filter converts the charge into a stable control voltage for the VCO. The function of the
PFD is to adjust the voltage presented to the VCO until the frequency of the feedback signal and phase match
that of the reference signal. When this phase-locked condition exists, the VCO frequency is N times that of the
comparison frequency, where N is the feedback divider ratio.
9.2 Functional Block Diagram
Copyright © 2003–2016, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LMX2430 LMX2433 LMX2434



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com