Electronic Components Datasheet Search
  English  ▼

X  

LMX2433 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2433
Description  Dual High-Frequency Synthesizer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2433 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMX2433 Datasheet HTML 3Page - Texas Instruments LMX2433 Datasheet HTML 4Page - Texas Instruments LMX2433 Datasheet HTML 5Page - Texas Instruments LMX2433 Datasheet HTML 6Page - Texas Instruments LMX2433 Datasheet HTML 7Page - Texas Instruments LMX2433 Datasheet HTML 8Page - Texas Instruments LMX2433 Datasheet HTML 9Page - Texas Instruments LMX2433 Datasheet HTML 10Page - Texas Instruments LMX2433 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
LMX2430, LMX2433, LMX2434
www.ti.com
SNAS187D – FEBRUARY 2003 – REVISED JANUARY 2016
Electrical Characteristics (continued)
VCC = EN = 2.5 V, −40°C ≤ TA ≤ +85°C, unless otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PHASE NOISE CHARACTERISTICS
TCXO Reference Source
RF synthesizer normalized phase noise
dBc/
LNRF(f)
RF_CPG Bit = 1
–219
contribution(6)
Hz
IF_PD Bit = 1
TCXO Reference Source
IF synthesizer normalized phase noise
dBc/
LNIF(f)
IF_CPG Bit = 1
–214
contribution(6)
Hz
RF_PD Bit = 1
fFinRF = 2750 MHz
f = 10-kHz offset
fCOMPRF = 1 MHz
Loop Bandwidth = 100 kHz
NRF = 2750
dBc/
LMX2430
–90.3
fOSCin = 10 MHz
Hz
vOSCin = 1 VPP
RF_CPG Bit = 1
IF_PD Bit = 1
TA = 25
oC(7)
fFinRF = 3200 MHz
f = 10-kHz offset
fCOMPRF = 1 MHz
Loop Bandwidth = 100 kHz
RF synthesizer single-
NRF = 3200
dBc/
LRF(f)
side band phase noise
LMX2433
–88.9
fOSCin = 10 MHz
Hz
measured
vOSCin = 1 VPP
RF_CPG Bit = 1
IF_PD Bit = 1
TA = 25°C
(7)
fFinRF = 4700 MHz
f = 10-kHz offset
fCOMPRF = 1 MHz
Loop Bandwidth = 100 kHz
NRF = 4700
dBc/
LMX2434
–85.6
fOSCin = 10 MHz
Hz
vOSCin = 1 VPP
RF_CPG Bit = 1
IF_PD Bit = 1
TA = 25°C
(7)
(6)
Normalized Phase Noise Contribution is defined as LN(f) = L(f) − 20 log (N) − 10 log (fCOMP), where L(f) is defined as the single side
band phase noise measured at an offset frequency, f, in a 1-Hz bandwidth. The offset frequency, f, must be chosen sufficiently smaller
than the loop bandwidth of the PLL, yet large enough to avoid substantial phase noise contribution from the reference source. N is the
value selected for the feedback divider and fCOMP is the RF/IF phase and frequency detector comparison frequency.
(7)
The synthesizer phase noise is measured with the LMX2430PW/LMX2430NPE evaluation boards and the HP8566B Spectrum Analyzer.
7.5 Timing Requirements
See
(1)
MIN
NOM
MAX
UNIT
MICROWIRE INTERFACE
tCS
DATA to CLK set-up time
50
ns
tCH
DATA to CLK hold time
10
ns
tCWH
CLK pulse width HIGH
50
ns
tCWL
CLK pulse width LOW
50
ns
tES
CLK to LE set-up time
50
ns
tEW
LE pulse width
50
ns
(1)
Refer to LMX243x Serial Data Input Timing figure.
Copyright © 2003–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMX2430 LMX2433 LMX2434



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com