Electronic Components Datasheet Search
  English  ▼

X  

LMX2433 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2433
Description  Dual High-Frequency Synthesizer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2433 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMX2433 Datasheet HTML 7Page - Texas Instruments LMX2433 Datasheet HTML 8Page - Texas Instruments LMX2433 Datasheet HTML 9Page - Texas Instruments LMX2433 Datasheet HTML 10Page - Texas Instruments LMX2433 Datasheet HTML 11Page - Texas Instruments LMX2433 Datasheet HTML 12Page - Texas Instruments LMX2433 Datasheet HTML 13Page - Texas Instruments LMX2433 Datasheet HTML 14Page - Texas Instruments LMX2433 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
LMX2430, LMX2433, LMX2434
www.ti.com
SNAS187D – FEBRUARY 2003 – REVISED JANUARY 2016
7.6.3 Input Impedance
VCC = EN = 2.5 V
TA = 25°C
VCC = EN = 2.5 V
TA = 25°C
Figure 17. LMX243x ULGA FinRF Input Impedance
Figure 18. LMX243x TSSOP FinRF Input Impedance
VCC = EN = 2.5 V
TA = 25°C
VCC = EN = 2.5 V
TA = 25°C
Figure 19. LMX243x ULGA FinIF Input Impedance
Figure 20. LMX243x TSSOP FinIF Input Impedance
VCC = EN = 2.5 V
TA = 25°C
VCC = EN = 2.5 V
TA = 25°C
Figure 21. LMX243x ULGA OSCin Input Impedance vs
Figure 22. LMX233xU TSSOP OSCin Input Impedance vs
Frequency
Frequency
Copyright © 2003–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMX2430 LMX2433 LMX2434



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com