Electronic Components Datasheet Search
  English  ▼

X  

LMX2433 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2433
Description  Dual High-Frequency Synthesizer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2433 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMX2433 Datasheet HTML 8Page - Texas Instruments LMX2433 Datasheet HTML 9Page - Texas Instruments LMX2433 Datasheet HTML 10Page - Texas Instruments LMX2433 Datasheet HTML 11Page - Texas Instruments LMX2433 Datasheet HTML 12Page - Texas Instruments LMX2433 Datasheet HTML 13Page - Texas Instruments LMX2433 Datasheet HTML 14Page - Texas Instruments LMX2433 Datasheet HTML 15Page - Texas Instruments LMX2433 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
LMX2430, LMX2433, LMX2434
SNAS187D – FEBRUARY 2003 – REVISED JANUARY 2016
www.ti.com
8 Parameter Measurement Information
8.1 Bench Test Setups
8.1.1 LMX243x Charge-Pump Test Setup
Figure 23. Charge-Pump Current Test Setup
Figure 23 shows the setup required to measure the RF charge-pump sink current of the LMX243x device. The
same setup is used for the LMX2430PW evaluation board. The purpose of this test is to assess the functionality
of the RF charge pump. The IF charge pump is evaluated in the same way.
This setup uses an open-loop configuration. A power supply is connected to VCC. By means of a signal
generator, a 10-MHz signal is typically applied to the FinRF pin. The signal is one of two inputs to the phase /
frequency detector (PFD). The 3-dB pad provides a 50-
Ω match between the PLL and the signal generator. The
OSCin pin is tied to Vcc. This establishes the other input to the PFD. Alternatively, this input can be tied directly
to the ground plane. The EN and ENosc pins are also both tied to Vcc. A semiconductor parameter analyzer is
connected to the CPoutRF pin and used to measure the sink, source, and tri-state leakage currents.
Let Fr represent the frequency of the signal applied to the OSCin pin, which is simply zero in this case (DC), and
let Fp represent the frequency of the signal applied to the FinRF pin. The PFD is sensitive to the rising edges of
Fr and Fp. Assuming positive VCO characteristics (RF_CPP bit = 1); the charge pump turns ON, and sinks
current when the first rising edge of Fp is detected. Because Fr has no rising edge, the charge pump continues to
sink current indefinitely. In order to measure the RF charge-pump source current, the RF_CPP bit is simply set to
0 (negative VCO characteristics) in CodeLoader. Similarly, in order to measure the tri-state leakage current, the
RF_CPT bit is set to 1.
12
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Product Folder Links: LMX2430 LMX2433 LMX2434



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com