Electronic Components Datasheet Search
  English  ▼

X  

LMX2433 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2433
Description  Dual High-Frequency Synthesizer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2433 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMX2433 Datasheet HTML 2Page - Texas Instruments LMX2433 Datasheet HTML 3Page - Texas Instruments LMX2433 Datasheet HTML 4Page - Texas Instruments LMX2433 Datasheet HTML 5Page - Texas Instruments LMX2433 Datasheet HTML 6Page - Texas Instruments LMX2433 Datasheet HTML 7Page - Texas Instruments LMX2433 Datasheet HTML 8Page - Texas Instruments LMX2433 Datasheet HTML 9Page - Texas Instruments LMX2433 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
LMX2430, LMX2433, LMX2434
SNAS187D – FEBRUARY 2003 – REVISED JANUARY 2016
www.ti.com
Electrical Characteristics (continued)
VCC = EN = 2.5 V, −40°C ≤ TA ≤ +85°C, unless otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICPoutRF
RF charge-pump output tri-state current
0.5 V
≤ VCPoutRF ≤ VCC – 0.5 V
(3)
–2.5
2.5
nA
TRI
RF charge-pump output sink current vs
ICPoutRF
charge-pump output source current
VCPoutRF = VCC / 2
(4)
3%
10%
%MIS
mismatch
RF charge-pump output current
ICPoutRF
magnitude variation vs charge-pump
0.5 V
≤ VCPoutRF ≤ VCC – 0.5 V
(4)
5%
15%
%VCPoutRF
output voltage
ICPoutRF
RF charge-pump output current
VCPoutRF = VCC / 2
(4)
2%
%TA
magnitude variation vs temperature
IF SYNTHESIZER PARAMETERS
LMX2430
IF_P Bit = 0 or 1
100
800
MHz
fFinIF
IF operating frequency
LMX2433
IF_P Bit = 0 or 1
250
1700
MHz
LMX2434
IF_P Bit = 0 or 1
500
2500
MHz
P = 8/9(1)
24
131,079
NIF
IF N divider range
P = 16/17(1)
48
262,143
RIF
IF R divider range
3
32,767
fCOMPIF
IF phase detector frequency
10
MHz
pFinIF
IF input sensitivity
2.25 V
≤ VCC ≤ 2.75 V
(2)
–15
0
dBm
VCPoutIF = VCC/2
–1
mA
IF_CPG Bit = 0(3)
ICPoutIF
IF charge-pump output source current
Source
VCPoutIF = VCC/2
–4
mA
IF_CPG Bit = 1(3)
VCPoutIF = VCC/2
1
mA
IF_CPG Bit = 0(3)
ICPoutIF
IF charge-pump output sink current
Sink
VCPoutIF = VCC/2
4
mA
IF_CPG Bit = 1(3)
ICPoutIF
IF charge-pump output tri-state current
0.5 V
≤ VCPoutIF ≤ VCC – 0.5 V
(3)
–2.5
2.5
nA
TRI
IF charge-pump output sink current vs
ICPoutIF
charge-pump output source current
VCPoutIF = VCC/2
(4)
3%
10%
%MIS
mismatch
ICPoutIF
IF charge-pump output current magnitude
0.5 V
≤ VCPoutIF ≤ VCC – 0.5 V
(4)
5%
15%
%VCPoutIF
variation vs charge-pump output voltage
ICPoutIF
IF charge-pump output current magnitude
VCPoutIF = VCC/2
(4)
2%
%TA
variation vs temperature
OSCILLATOR PARAMETERS
fOSCin
Oscillator operating frequency
1
256
MHz
vOSCin
Oscillator sensitivity
See (5)
0.5
VCC
VPP
VOSCin = VCC
100
µA
IOSCin
Oscillator input current
VOSCin = 0 V
–100
µA
DIGITAL INTERFACE (DATA, CLK, LE, EN, ENosc, Ftest/LD, FLoutRF, OSCout/ FLoutIF)
VIH
High-level input voltage
1.6
V
VIL
Low-level input voltage
0.4
V
IIH
High-level input current
VIH = VCC
1
μA
IIL
Low-level input current
VIL = 0 V
−1
μA
VOH
High-level output voltage
IOH = −500 μA
VCC − 0.4
V
VOL
Low-level output voltage
IOL = 500 μA
0.4
V
(4)
Refer to Charge Pump Current Specification Definitions for details on how these measurements are made.
(5)
Refer to LMX243x OSCin Sensitivity Test Set-Up.
6
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Product Folder Links: LMX2430 LMX2433 LMX2434



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com