Electronic Components Datasheet Search
  English  ▼

X  

LMX2433 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2433
Description  Dual High-Frequency Synthesizer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2433 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMX2433 Datasheet HTML 12Page - Texas Instruments LMX2433 Datasheet HTML 13Page - Texas Instruments LMX2433 Datasheet HTML 14Page - Texas Instruments LMX2433 Datasheet HTML 15Page - Texas Instruments LMX2433 Datasheet HTML 16Page - Texas Instruments LMX2433 Datasheet HTML 17Page - Texas Instruments LMX2433 Datasheet HTML 18Page - Texas Instruments LMX2433 Datasheet HTML 19Page - Texas Instruments LMX2433 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
LMX2430, LMX2433, LMX2434
SNAS187D – FEBRUARY 2003 – REVISED JANUARY 2016
www.ti.com
Bench Test Setups (continued)
the RF_R/ 2 frequency word (MUX[3:0] word = 14) or the IF_R/ 2 frequency word (MUX[3:0] word = 12) in
CodeLoader. A universal counter is connected to the Ftest/LD pin and is used to monitor the output frequency of
the reference divider. The expected frequency must be the signal generator frequency divided by twice the
corresponding counter value, that is, 2000. The factor of two comes in because the LMX243x device has an
internal /2 circuit which is used to provide a 50% duty cycle.
In a similar way, sensitivity is typically measured over frequency, supply voltage and temperature. In order to
perform the measurement, the temperature, frequency, and supply voltage is set to a fixed value and the power
level (voltage level) of the signal at OSCin is varied. Sensitivity is reached when the frequency error of the
divided input signal is greater than or equal to 1 Hz.
8.1.5 LMX243x FinRF Input Impedance Test Setup
Figure 27. Imput Impedance Test Setup
Notes:
1.
DATA is clocked into the 24-bit shift register on the rising edge of CLK
2.
The MSB of DATA is shifted in first.
Figure 28. LMX243x Serial Data Input Timing
16
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Product Folder Links: LMX2430 LMX2433 LMX2434



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com