Electronic Components Datasheet Search
  English  ▼

X  

LMX2433 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2433
Description  Dual High-Frequency Synthesizer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2433 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LMX2433 Datasheet HTML 35Page - Texas Instruments LMX2433 Datasheet HTML 36Page - Texas Instruments LMX2433 Datasheet HTML 37Page - Texas Instruments LMX2433 Datasheet HTML 38Page - Texas Instruments LMX2433 Datasheet HTML 39Page - Texas Instruments LMX2433 Datasheet HTML 40Page - Texas Instruments LMX2433 Datasheet HTML 41Page - Texas Instruments LMX2433 Datasheet HTML 42Page - Texas Instruments LMX2433 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
LMX2430, LMX2433, LMX2434
www.ti.com
SNAS187D – FEBRUARY 2003 – REVISED JANUARY 2016
9.6.6.1 IF_TOC[0:11] - IF Synthesizer Time-Out Counter (R5[14:3])
The OSCout/ FLoutIF pin can be configured as a general-purpose CMOS tri-state output or as a fastlock output
by programming the IF_TOC appropriately. When the IF_TOC is programmed from 0 to 3, automatic fastlock is
disabled, and the OSCout/ FLoutIF pin is configured as a general-purpose CMOS tri-state output or manual
fastlock is enabled. When the IF_TOC is programmed to 0, the OSCout/ FLoutIF pin is in tri-state (high
impedance) mode. The charge-pump current is then the value specified by IF_CPG (R3[19]). When the IF_TOC
is programmed to 1, the OSCout/ FLoutIF pin is pulled to a LOW state. The charge-pump current is then set to a
HIGH gain state (IF_CPG bit = 1). This condition is known as the manual fastlock. When the IF_TOC is
programmed to 2, the OSCout/ FLout_IF pin is again pulled to a LOW state, but this time the charge-pump
current is the value specified by IF_CPG (R3[19]). When the IF_TOC is programmed to 3, the OSCout/ FLoutIF
pin is pulled to a HIGH state. Again, the charge-pump current is the value specified by IF_CPG (R3[19]). When
the IF_TOC is programmed from 4 to 4095, fastlock is enabled, and the OSCout/ FLoutIF pin is pulled to a LOW
state. Fastlock timeouts after the specified number of PFD events. At this time, the OSCout/ FLoutIF pin switches
to tri-state (high impedance) mode. The value programmed into IF_TOC represents the number of PFD events
that the IF synthesizer spends in the fastlock state.
NOTE
Any write to the IF_TOC requires a PFD event on the IF synthesizer to latch the contents.
This means that writes to the IF_TOC take effect synchronously with the next PFD event.
Table 39. IF PLL Fastlock Time-Out Counter
FASTLOCK PERIOD
OSCout/ FLoutIF PIN
IF_TOC[11:0]
FASTLOCK MODE
ICPoutIF MAGNITUDE
[PFD Events]
FUNCTIONALITY / STATE
0
Disabled
N/A
General-Purpose.
ICPoutIF magnitude
High Impedance State
controlled by R3[19]
1
Enabled
N/A
General-Purpose.
ICPoutIF = 4 mA
Manual Fastlock
Logic LOW State
2
Disabled
N/A
General-Purpose.
ICPoutIF magnitude
Logic LOW State
controlled by R3[19]
3
Disabled
N/A
General-Purpose.
ICPoutIF magnitude
Logic HIGH State
controlled by R3[19]
4
Enabled
4
FastLock.
ICPoutIF = 4 mA
Automatic Fastlock
Logic LOW State. Switches
Switches to 1 mA after 4
to High Impedance after 4
PFD events
PFD events
…
…
…
…
…
4095
Enabled
4095
FastLock.
ICPoutIF = 4 mA
Automatic Fastlock
Logic LOW State. Switches
Switches to 1 mA after
to High Impedance after
4095 PFD events
4095 PFD events
Copyright © 2003–2016, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LMX2430 LMX2433 LMX2434



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com