Electronic Components Datasheet Search
  English  ▼

X  

LMX2433 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2433
Description  Dual High-Frequency Synthesizer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2433 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMX2433 Datasheet HTML 17Page - Texas Instruments LMX2433 Datasheet HTML 18Page - Texas Instruments LMX2433 Datasheet HTML 19Page - Texas Instruments LMX2433 Datasheet HTML 20Page - Texas Instruments LMX2433 Datasheet HTML 21Page - Texas Instruments LMX2433 Datasheet HTML 22Page - Texas Instruments LMX2433 Datasheet HTML 23Page - Texas Instruments LMX2433 Datasheet HTML 24Page - Texas Instruments LMX2433 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
LMX2430, LMX2433, LMX2434
www.ti.com
SNAS187D – FEBRUARY 2003 – REVISED JANUARY 2016
Table 4. LMX243x TSSOP FinIF Input Impedance Table(1)
fFinIF
|
Γ|
Angle (
Γ)
Re {ZFinIF}
Im {ZFinIF}
|ZFinIF|
(MHz)
(°)
(
Ω)
(
Ω)
(
Ω)
100
0.87
–7.11
400.44
–348.14
530.62
200
0.86
–9.92
288.69
–318.81
430.1
300
0.85
–13.64
198.42
–281.45
344.36
400
0.84
–17.47
141.73
–246.13
284.02
500
0.84
–21.42
105.75
–214.58
239.22
600
0.83
–25.39
82
–188.43
205.5
700
0.83
–29.46
65.48
–166.34
178.76
800
0.82
–33.67
53.78
–147.46
156.96
900
0.81
–37.99
45.17
–131.83
139.35
1000
0.80
–42.47
38.82
–117.87
124.1
1100
0.79
–46.96
33.93
–106.36
111.64
1200
0.79
–51.67
29.53
–96.2
100.63
1300
0.78
–57.02
25.26
–86.47
90.08
1400
0.77
–63.11
22.15
–76.93
80.06
1500
0.76
–69.26
20.49
–68.42
71.42
1600
0.74
–74.82
19.54
–61.59
64.62
1700
0.74
–79.79
17.7
–56.35
59.06
1800
0.74
–86.55
15.09
–50.74
52.94
1900
0.74
–94.37
13.38
–44.56
46.53
2000
0.73
–101.95
12.62
–38.87
40.87
2100
0.72
–108.92
12.21
–34.18
36.3
2200
0.71
–115.63
11.65
–30.11
32.29
2300
0.71
–123.23
11.13
–25.97
28.25
2400
0.69
–131.44
11.08
–21.74
24.4
2500
0.67
–138.35
11.54
–18.31
21.64
(1)
VCC = EN = 2.5 V, TA = 25°C
Copyright © 2003–2016, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMX2430 LMX2433 LMX2434



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com