Electronic Components Datasheet Search
  English  ▼

X  

LMX2433 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2433
Description  Dual High-Frequency Synthesizer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2433 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LMX2433 Datasheet HTML 32Page - Texas Instruments LMX2433 Datasheet HTML 33Page - Texas Instruments LMX2433 Datasheet HTML 34Page - Texas Instruments LMX2433 Datasheet HTML 35Page - Texas Instruments LMX2433 Datasheet HTML 36Page - Texas Instruments LMX2433 Datasheet HTML 37Page - Texas Instruments LMX2433 Datasheet HTML 38Page - Texas Instruments LMX2433 Datasheet HTML 39Page - Texas Instruments LMX2433 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
LMX2430, LMX2433, LMX2434
SNAS187D – FEBRUARY 2003 – REVISED JANUARY 2016
www.ti.com
9.6.4.2.1
IF_R[14:0] - IF Synthesizer Programmable Reference Divider (R Counter) (R3[17:3])
The IF reference divider (IF_R) can be programmed to support divide ratios from 3 to 32,767. Divide ratios less
than 3 are prohibited.
Table 28. IF R Divider
IF_R[14:0]
DIVIDE RATIO
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
3
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
4
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
32767
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
9.6.4.2.2
IF_CPP - IF Synthesizer Phase Detector Polarity (R3[18])
The IF_CPP bit is used to control the PFD polarity of the IF synthesizer based on the VCO tuning characteristics.
Table 29. IF PLL Charge-Pump Polarity
FUNCTION
CONTROL BIT
REGISTER LOCATION
DESCRIPTION
0
1
IF_CPP
R3[18]
IF PFD Polarity
IF VCO Negative Tuning
IF VCO Positive Tuning
Characteristics
Characteristics
Figure 32. IF VCO Characteristics
9.6.4.2.3
IF_CPG - IF Synthesizer Charge-Pump Current Gain (R3[19])
The IF_CPG bit controls the charge-pump gain of the IF synthesizer. Two gain levels are available.
Table 30. IF PLL Phase Detector Polarity Bit
FUNCTION
CONTROL BIT
REGISTER LOCATION
DESCRIPTION
0
1
IF Charge-Pump Current
LOW
HIGH
IF_CPG
R3[19]
Gain
1 mA
4 mA
9.6.4.2.4
IF_CPT - IF Synthesizer Charge-Pump Tri-State (R3[20])
The IF_CPT bit allows the charge pump to be switched between a normal operating mode and a high impedance
output state. This happens asynchronously with the change in the IF_CPT bit.
Furthermore, the IF_CPT bit operates in conjuction with the IF_PD bit to set a synchronous or an asynchronous
power-down mode. Refer to IF_PD - IF Synthesizer Power Down (R4[23]) for more details on how to program
the IF_PD bit.
Table 31. IF PLL Charge-Pump Polarity Bit
FUNCTION
CONTROL BIT
REGISTER LOCATION
DESCRIPTION
0
1
IF_CPT
R3[20]
IF Charge-Pump Tri-State
IF Charge Pump Normal
IF Charge-Pump Output in
Operation
High Impedance State
36
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Product Folder Links: LMX2430 LMX2433 LMX2434



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com