Electronic Components Datasheet Search
  English  ▼

X  

LMX2433 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2433
Description  Dual High-Frequency Synthesizer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2433 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LMX2433 Datasheet HTML 28Page - Texas Instruments LMX2433 Datasheet HTML 29Page - Texas Instruments LMX2433 Datasheet HTML 30Page - Texas Instruments LMX2433 Datasheet HTML 31Page - Texas Instruments LMX2433 Datasheet HTML 32Page - Texas Instruments LMX2433 Datasheet HTML 33Page - Texas Instruments LMX2433 Datasheet HTML 34Page - Texas Instruments LMX2433 Datasheet HTML 35Page - Texas Instruments LMX2433 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
LMX2430, LMX2433, LMX2434
SNAS187D – FEBRUARY 2003 – REVISED JANUARY 2016
www.ti.com
9.6.2.3 RF_CPG - RF Synthesizer Charge-Pump Current Gain (R0[19])
The RF_CPG bit controls the charge-pump gain of the RF synthesizer. Two gain levels are available.
Table 14. Charge-Pump Polarity
FUNCTION
CONTROL BIT
REGISTER LOCATION
DESCRIPTION
0
1
RF Charge-Pump Current
LOW
HIGH
RF_CPG
R0[19]
Gain
1 mA
4 mA
9.6.2.4 RF_CPT - RF Synthesizer Charge-Pump Tri-State (R0[20])
The RF_CPT bit allows the charge pump to be switched between a normal operating mode and a high-
impedance output state. This happens asynchronously with the change in the RF_CPT bit.
Furthermore, the RF_CPT bit operates in conjuction with the RF_PD bit to set a synchronous or an
asynchronous power-down mode. Refer to RF_PD - RF Synthesizer Power Down (R1[23]) for more details on
how to program the RF_PD bit.
Table 15. Charge-Pump Tri-State
FUNCTION
CONTROL BIT
REGISTER LOCATION
DESCRIPTION
0
1
RF_CPT
R0[20]
RF Charge-Pump tri-state
RF Charge Pump Normal
RF Charge-Pump Output
Operation
in High Impedance State
9.6.2.5 RF_RST - RF Synthesizer Counter Reset (R0[21])
The RF_RST bit resets the RF_A, RF_B and RF_R counters. After removing the reset, the RF_A and RF_B
counters resume counting in close alignment with the RF_R counter. The maximum error is one prescaler cycle.
Table 16. N Counter Reset
FUNCTION
CONTROL BIT
REGISTER LOCATION
DESCRIPTION
0
1
RF_RST
R0[21]
RF Counter Reset
RF_A, RF_B and RF_R
RF_A, RF_B and RF_R
Normal Operation
Reset
9.6.3 R1 Register
The R1 register contains the RF_A, RF_B, RF_P, and RF_PD control words. The RF_A and RF_B control words
are used to set up the programmable feedback divider. The detailed descriptions and programming information
for each control word is discussed in the following sections.
Table 17. RI Register
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ADDRESS
REG
DATA[20:0] FIELD
[2:0]
FIELD
RF
RF
LMX2430/33
LMX2430/33
R1
_
_
0
0
1
RF_B[14:0]
RF_A[3:0]
PD
P
RF
RF
LMX2434
LMX2434
R1
_
_
0
0
1
RF_B[13:0]
RF_A[4:0]
PD
P
32
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Product Folder Links: LMX2430 LMX2433 LMX2434



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com