Electronic Components Datasheet Search
  English  ▼

X  

LMX2433 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2433
Description  Dual High-Frequency Synthesizer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2433 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LMX2433 Datasheet HTML 36Page - Texas Instruments LMX2433 Datasheet HTML 37Page - Texas Instruments LMX2433 Datasheet HTML 38Page - Texas Instruments LMX2433 Datasheet HTML 39Page - Texas Instruments LMX2433 Datasheet HTML 40Page - Texas Instruments LMX2433 Datasheet HTML 41Page - Texas Instruments LMX2433 Datasheet HTML 42Page - Texas Instruments LMX2433 Datasheet HTML 43Page - Texas Instruments LMX2433 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
LMX2430, LMX2433, LMX2434
SNAS187D – FEBRUARY 2003 – REVISED JANUARY 2016
www.ti.com
9.6.7 MUX[3:0] - Multifunction Output Select (R3[23:22]:R0[23:22])
The MUX control word is used to determine which signal is routed to the Ftest/LD pin.
Table 40. Multifunction Output Select(1)
MUX[3:0]
MUX OUTPUT STATE
0
0
0
0
High Impedance (Tri-state) State Output
0
0
0
1
Logic HIGH State Output
0
0
1
0
Logic LOW State Output
RF PLL and IF PLL Digital Lock Detect.
0
0
1
1
Open-Drain Output
RF PLL Digital Lock Detect.
0
1
0
0
Open-Drain Output
IF PLL Digital Lock Detect.
0
1
0
1
Open-Drain Output
RF PLL and IF PLL Analog Lock Detect.
0
1
1
0
Open-Drain Output
RF PLL Analog Lock Detect.
0
1
1
1
Open-Drain Output
IF PLL Analog Lock Detect.
1
0
0
0
Open-Drain Output
RF PLL and IF PLL Analog Lock Detect.
1
0
0
1
Push-Pull Output
RF PLL Analog Lock Detect.
1
0
1
0
Push-Pull Output
IF PLL Analog Lock Detect.
1
0
1
1
Push-Pull Output
1
1
0
0
IF_R/ 2 Frequency
1
1
0
1
IF_N/ 2 Frequency
1
1
1
0
RF_R/ 2 Frequency
1
1
1
1
RF_N/ 2 Frequency
(1)
1. RF_N = (RF_B × RF_P) + RF_A
2. IF_N = (IF_B × IF_P) + IF_A
40
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Product Folder Links: LMX2430 LMX2433 LMX2434



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com