Electronic Components Datasheet Search
  English  ▼

X  

LMX2433 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2433
Description  Dual High-Frequency Synthesizer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2433 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMX2433 Datasheet HTML 10Page - Texas Instruments LMX2433 Datasheet HTML 11Page - Texas Instruments LMX2433 Datasheet HTML 12Page - Texas Instruments LMX2433 Datasheet HTML 13Page - Texas Instruments LMX2433 Datasheet HTML 14Page - Texas Instruments LMX2433 Datasheet HTML 15Page - Texas Instruments LMX2433 Datasheet HTML 16Page - Texas Instruments LMX2433 Datasheet HTML 17Page - Texas Instruments LMX2433 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
LMX2430, LMX2433, LMX2434
SNAS187D – FEBRUARY 2003 – REVISED JANUARY 2016
www.ti.com
Bench Test Setups (continued)
8.1.2.3 Charge-Pump Output Current Variation vs Temperature
(3)
8.1.3 LMX243x FinRF Sensitivity Test Setup
Figure 25. RF Input Sensitivity Test Setup
Figure 25 shows the setup required to measure the RF input sensitivity level of the LMX243x device. The same
setup is used for the LMX2430PW evaluation board. The purpose of this test is to measure the acceptable signal
level to the FinRF input of the PLL chip. Outside the acceptable signal range, the feedback divider begins to
divide incorrectly and miscount the frequency. The FinIF sensitivity is evaluated in the same way.
The setup uses an open-loop configuration. A power supply is connected to Vcc. The IF PLL is powered down
(IF_PD bit = 1). By means of a signal generator, an RF signal is applied to the FinRF pin. The 3-dB pad provides
a 50-
Ω match between the PLL and the signal generator. The EN, ENosc, and OSCin pins are all tied to VCC.
The N value is typically set to 10000 in CodeLoader, that is, RF_B word = 156 and RF_A word = 16 for RF_P bit
= 0 (LMX2434) or RF_P bit = 1 (LMX2430 and LMX2433). The feedback divider output is routed to the Ftest/LD
14
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Product Folder Links: LMX2430 LMX2433 LMX2434



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com