Electronic Components Datasheet Search
  English  ▼

X  

C164CI Datasheet(PDF) 34 Page - Infineon Technologies AG

Part # C164CI
Description  16-bit CMOS Single-Chip Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CI Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button C164CI Datasheet HTML 30Page - Infineon Technologies AG C164CI Datasheet HTML 31Page - Infineon Technologies AG C164CI Datasheet HTML 32Page - Infineon Technologies AG C164CI Datasheet HTML 33Page - Infineon Technologies AG C164CI Datasheet HTML 34Page - Infineon Technologies AG C164CI Datasheet HTML 35Page - Infineon Technologies AG C164CI Datasheet HTML 36Page - Infineon Technologies AG C164CI Datasheet HTML 37Page - Infineon Technologies AG C164CI Datasheet HTML 38Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
Semiconductor Group
34
1998-02
C164CI
DC Characteristics
VDD = 4.25 - 5.5 V;
VSS = 0 V;
fCPU = 20 MHz
TA = -40 to +85 °C
for SAF-C164CI
TA = -40 to +125 °C for SAK-C164CI
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
max.
Input low voltage
(TTL)
V
IL
SR – 0.5
0.2
VDD
– 0.1
V–
Input low voltage
(Special Threshold)
V
ILS
SR – 0.5
2.0
V
–
Input high voltage, all except
RSTIN and XTAL1 (TTL)
V
IH
SR 0.2
VDD
+ 0.9
VDD + 0.5
V
–
Input high voltage RSTIN
V
IH1
SR 0.6
VDD
VDD + 0.5
V
–
Input high voltage XTAL1
V
IH2
SR 0.7
VDD
VDD + 0.5
V
–
Input high voltage
(Special Threshold)
V
IHS
SR 0.8
VDD
- 0.2
VDD + 0.5
V
–
Input Hysteresis
(Special Threshold)
HYS
400
-
mV
–
Output low voltage
(PORT0, PORT1, Port 4, ALE, RD,
WR, BHE, CLKOUT, RSTOUT)
V
OL
CC –
0.45
V
I
OL = 2.4 mA
Output low voltage
(all other outputs)
V
OL1
CC –
0.45
V
I
OL1 = 1.6 mA
Output high voltage
(PORT0, PORT1, Port 4, ALE, RD,
WR, BHE, CLKOUT, RSTOUT)
V
OH
CC 0.9
VDD
2.4
–V
I
OH = – 500 µA
I
OH = – 2.4 mA
Output high voltage 1)
(all other outputs)
V
OH1 CC
0.9
VDD
2.4
–V
V
I
OH = – 250 µA
I
OH = – 1.6 mA
Input leakage current (Port 5)
I
OZ1
CC –
±200
nA
0.45V<
VIN< VDD
Input leakage current (all other)
I
OZ2
CC –
±500
nA
0.45V<
VIN< VDD
Overload current
I
OV
SR –
±5mA
5) 8)
RSTIN pullup resistor
R
RST
CC 50
250
k
Ω
–
Read/Write inactive current 4)
I
RWH
2)
–-40
µA
V
OUT = 2.4 V
Read/Write active current 4)
I
RWL
3)
-500
–
µA
V
OUT = VOLmax
ALE inactive current 4)
I
ALEL
2)
–40
µA
V
OUT = VOLmax
ALE active current 4)
I
ALEH
3)
500
–
µA
V
OUT = 2.4 V
PORT0 configuration current 4)
I
P0H
2)
–-10
µA
V
IN = VIHmin
I
P0L
3)
-100
–
µA
V
IN = VILmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com