Electronic Components Datasheet Search
  English  ▼

X  

C164CI Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # C164CI
Description  16-bit CMOS Single-Chip Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CI Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button C164CI Datasheet HTML 26Page - Infineon Technologies AG C164CI Datasheet HTML 27Page - Infineon Technologies AG C164CI Datasheet HTML 28Page - Infineon Technologies AG C164CI Datasheet HTML 29Page - Infineon Technologies AG C164CI Datasheet HTML 30Page - Infineon Technologies AG C164CI Datasheet HTML 31Page - Infineon Technologies AG C164CI Datasheet HTML 32Page - Infineon Technologies AG C164CI Datasheet HTML 33Page - Infineon Technologies AG C164CI Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
Semiconductor Group
30
1998-02
C164CI
P1L
b FF04H
82H
Port 1 Low Register (Lower half of PORT1)
00H
P3
b FFC4H
E2H
Port 3 Register
0000H
P4
b FFC8H
E4H
Port 4 Register (8 bits)
00H
P5
b FFA2H
D1H
Port 5 Register (read only)
XXXXH
P5DIDIS
b FFA4H
D2H
Port 5 Digital Input Disable Register
0000H
P8
b FFD4H
EAH
Port 8 Register (8 bits)
00H
PECC0
FEC0H
60H
PEC Channel 0 Control Register
0000H
PECC1
FEC2H
61H
PEC Channel 1 Control Register
0000H
PECC2
FEC4H
62H
PEC Channel 2 Control Register
0000H
PECC3
FEC6H
63H
PEC Channel 3 Control Register
0000H
PECC4
FEC8H
64H
PEC Channel 4 Control Register
0000H
PECC5
FECAH
65H
PEC Channel 5 Control Register
0000H
PECC6
FECCH
66H
PEC Channel 6 Control Register
0000H
PECC7
FECEH
67H
PEC Channel 7 Control Register
0000H
PICON
b F1C4H E E2H
Port Input Threshold Control Register
0000H
PSW
b FF10H
88H
CPU Program Status Word
0000H
RP0H
b F108H E 84H
System Startup Configuration Register (Rd. only)
XXH
RTCH
F0D6H E 6BH
RTC High Register
XXXXH
RTCL
F0D4H E 6AH
RTC Low Register
XXXXH
S0BG
FEB4H
5AH
Serial Channel 0 Baud Rate Generator Reload
Register
0000H
S0CON
b FFB0H
D8H
Serial Channel 0 Control Register
0000H
S0EIC
b FF70H
B8H
Serial Channel 0 Error Interrupt Control Register
0000H
S0RBUF
FEB2H
59H
Serial Channel 0 Receive Buffer Register
(read only)
XXXXH
S0RIC
b FF6EH
B7H
Serial Channel 0 Receive Interrupt Control
Register
0000H
S0TBIC
b F19CH E CEH
Serial Channel 0 Transmit Buffer Interrupt Control
Register
0000H
S0TBUF
FEB0H
58H
Serial Channel 0 Transmit Buffer Register
0000H
S0TIC
b FF6CH
B6H
Serial Channel 0 Transmit Interrupt Control
Register
0000H
SP
FE12H
09H
CPU System Stack Pointer Register
FC00H
SSCBR
F0B4H E 5AH
SSC Baudrate Register
0000H
Name
Physical
Address
8-Bit
Address
Description
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com