Electronic Components Datasheet Search
  English  ▼

X  

C164CI Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # C164CI
Description  16-bit CMOS Single-Chip Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CI Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button C164CI Datasheet HTML 6Page - Infineon Technologies AG C164CI Datasheet HTML 7Page - Infineon Technologies AG C164CI Datasheet HTML 8Page - Infineon Technologies AG C164CI Datasheet HTML 9Page - Infineon Technologies AG C164CI Datasheet HTML 10Page - Infineon Technologies AG C164CI Datasheet HTML 11Page - Infineon Technologies AG C164CI Datasheet HTML 12Page - Infineon Technologies AG C164CI Datasheet HTML 13Page - Infineon Technologies AG C164CI Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
Semiconductor Group
10
1998-02
C164CI
Functional Description
The C164CI is a low cost downgrade of the high performance microcontroller C167CR with OTP or
internal ROM, reduced peripheral functionality and a high performance Capture Compare Unit with
an additional functionality.
The architecture of the C164CI combines advantages of both RISC and CISC processors and of
advanced peripheral subsystems in a very well-balanced way. The following block diagram gives an
overview of the different on-chip components and of the advanced, high bandwidth internal bus
structure of the C164CI.
Note: All time specifications refer to a CPU clock of 20 MHz
(see definition in the AC Characteristics section).
Figure 3
Block Diagram
64K
Internal ROM
(C164CI-8RM)
or OTP
(C164CI-8EM)
PLL-Oscillator
progr. Multiplier:
0.5; 1; 1.5; 2;
2.5; 3; 4; 5
Instr./Data
Full-CAN
Interface
V2.0B
active
PEC
CPU Core
Interrupt Bus
Internal
RAM
2 KByte
Port 8
Port 3
Port 4
Port 1
16
16
4
16
16
Data
Data
WDT
Port 5
8
C164CI V1.2
CPU
C166-Core
External
Bus
(8/16 bit;
MUX only)
&
XBUS
Control
16
External Instr./Data
16
8-
Channel
10-Bit
ADC
USART
ASC
Sync.
Channel
(SPI)
SSC
General Purpose
Capture/Compare
Unit
8-Channel 16-bit
Capture/Compare Unit
(CAPCOM2)
Capture/Compare Unit for
PWM Generation (CAPCOM6)
3/6 Capture/Compare
Channels
XTAL
P4.5/CAN_RxD
P4.6/CAN_TxD
9
BRG
BRG
5
16
Peripheral Data
1 Compare
Channel
Interrupt Controller
up to 12
ext. IR
GPT 1
T 3
T 4
T 2
32
RTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com