Electronic Components Datasheet Search
  English  ▼

X  

C164CI Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # C164CI
Description  16-bit CMOS Single-Chip Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CI Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button C164CI Datasheet HTML 42Page - Infineon Technologies AG C164CI Datasheet HTML 43Page - Infineon Technologies AG C164CI Datasheet HTML 44Page - Infineon Technologies AG C164CI Datasheet HTML 45Page - Infineon Technologies AG C164CI Datasheet HTML 46Page - Infineon Technologies AG C164CI Datasheet HTML 47Page - Infineon Technologies AG C164CI Datasheet HTML 48Page - Infineon Technologies AG C164CI Datasheet HTML 49Page - Infineon Technologies AG C164CI Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
Semiconductor Group
46
1998-02
C164CI
RdCS, WrCS Low Time
(with RW delay)
t
48
CC
40 +
t
C
–
2TCL - 10
+
t
C
–ns
RdCS, WrCS Low Time
(no RW delay)
t
49
CC
65 +
t
C
–
3TCL - 10
+
t
C
–ns
Data valid to WrCS
t
50
CC
36 +
t
C
–
2TCL - 14
+
t
C
–ns
Data hold after RdCS
t
51
SR
0–0
–
ns
Data float after RdCS
t
52
SR
–
30 +
t
F
–
2TCL - 20
+
t
F
ns
Address hold after
RdCS, WrCS
t
54
CC
30 +
t
F
–
2TCL - 20
+
t
F
–ns
Data hold after WrCS
t
56
CC
30 +
t
F
–
2TCL - 20
+
t
F
–ns
Parameter
Symbol
Max. CPU Clock
= 20 MHz
Variable CPU Clock
1/2TCL = 1 to 20 MHz
Unit
min.
max.
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com