Electronic Components Datasheet Search
  English  ▼

X  

C164CI Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # C164CI
Description  16-bit CMOS Single-Chip Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CI Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button C164CI Datasheet HTML 3Page - Infineon Technologies AG C164CI Datasheet HTML 4Page - Infineon Technologies AG C164CI Datasheet HTML 5Page - Infineon Technologies AG C164CI Datasheet HTML 6Page - Infineon Technologies AG C164CI Datasheet HTML 7Page - Infineon Technologies AG C164CI Datasheet HTML 8Page - Infineon Technologies AG C164CI Datasheet HTML 9Page - Infineon Technologies AG C164CI Datasheet HTML 10Page - Infineon Technologies AG C164CI Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
Semiconductor Group
7
1998-02
C164CI
RD
25
O
External Memory Read Strobe. RD is activated for every
external instruction or data read access.
WR /
WRL
26
O
External Memory Write Strobe. In WR-mode this pin is
activated for every external data write access. In WRL-mode
this pin is activated for low byte data write accesses on a 16-
bit bus, and for every data write access on an 8-bit bus. See
WRCFG in register SYSCON for mode selection.
ALE
27
O
Address Latch Enable Output. Can be used for latching the
address into external memory or an address latch in the
multiplexed bus modes.
EA
28
I
External Access Enable pin. A low level at this pin during and
after Reset forces the C164CI to begin instruction execution
out of external memory. A high level forces execution out of
the internal ROM.
Note: This pin also accepts the programming voltage for OTP
versions of the C164CI.
PORT0:
P0L.0 –
P0L.7,
P0H.0 -
P0H.7
29 -
36
37 - 39,
42 - 46
I/O
PORT0 consists of the two 8-bit bidirectional I/O ports P0L
and P0H. It is bit-wise programmable for input or output via
direction bits. For a pin configured as input, the output driver
is put into high-impedance state.
In case of an external bus configuration, PORT0 serves as
the address and data (AD) bus.
Data Path Width:
8-bit
16-bit
P0L.0 – P0L.7:
AD0 – AD7
AD0 - AD7
P0H.0 – P0H.7:
A8 - A15
AD8 - AD15
Pin Definitions and Functions (cont’d)
Symbol
Pin
Number
Input (I)
Output (O)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com