Electronic Components Datasheet Search
  English  ▼

X  

C164CI Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # C164CI
Description  16-bit CMOS Single-Chip Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CI Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button C164CI Datasheet HTML 25Page - Infineon Technologies AG C164CI Datasheet HTML 26Page - Infineon Technologies AG C164CI Datasheet HTML 27Page - Infineon Technologies AG C164CI Datasheet HTML 28Page - Infineon Technologies AG C164CI Datasheet HTML 29Page - Infineon Technologies AG C164CI Datasheet HTML 30Page - Infineon Technologies AG C164CI Datasheet HTML 31Page - Infineon Technologies AG C164CI Datasheet HTML 32Page - Infineon Technologies AG C164CI Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
Semiconductor Group
29
1998-02
C164CI
DP0H
b F102H E 81H
P0H Direction Control Register
00H
DP0L
b F100H E 80H
P0L Direction Control Register
00H
DP1H
b F106H E 83H
P1H Direction Control Register
00H
DP1L
b F104H E 82H
P1L Direction Control Register
00H
DP3
b FFC6H
E3H
Port 3 Direction Control Register
0000H
DP4
b FFCAH
E5H
Port 4 Direction Control Register
00H
DP8
b FFD6H
EBH
Port 8 Direction Control Register
00H
DPP0
FE00H
00H
CPU Data Page Pointer 0 Register (10 bits)
0000H
DPP1
FE02H
01H
CPU Data Page Pointer 1 Register (10 bits)
0001H
DPP2
FE04H
02H
CPU Data Page Pointer 2 Register (10 bits)
0002H
DPP3
FE06H
03H
CPU Data Page Pointer 3 Register (10 bits)
0003H
EXICON
b F1C0H E E0H
External Interrupt Control Register
0000H
EXISEL
b F1DAH E EDH
External Interrupt Source Select Register
0000H
IDCHIP
F07CH E 3EH
Identifier
0A01H
IDMANUF
F07EH E 3FH
Identifier
1820H
IDMEM
F07AH E 3DH
Identifier
X010H
IDPROG
F078H E 3CH
Identifier
XXXXH
ISNC
b F1DEH E EFH
Interrupt Subnode Control Register
0000H
LAR
EFn4H X ---
CAN Lower Arbitration Register (msg. n)UUUUH
MCFG
EFn6H X ---
CAN Message Configuration Register (msg. n)UUH
MCR
EFn0H X ---
CAN Message Control Register (msg. n)UUUUH
MDC
b FF0EH
87H
CPU Multiply Divide Control Register
0000H
MDH
FE0CH
06H
CPU Multiply Divide Register – High Word
0000H
MDL
FE0EH
07H
CPU Multiply Divide Register – Low Word
0000H
ODP3
b F1C6H E E3H
Port 3 Open Drain Control Register
0000H
ODP8
b F1D6H E EBH
Port 8 Open Drain Control Register
00H
ONES
b FF1EH
8FH
Constant Value 1’s Register (read only)
FFFFH
OPAD
EDC2H X ---
OTP Programming Interface Address Register
0000H
OPCTRL
EDC0H X ---
OTP Programming Interface Control Register
0007H
OPDAT
EDC4H X ---
OTP Programming Interface Data Register
0000H
P0H
b FF02H
81H
Port 0 High Register (Upper half of PORT0)
00H
P0L
b FF00H
80H
Port 0 Low Register (Lower half of PORT0)
00H
P1H
b FF06H
83H
Port 1 High Register (Upper half of PORT1)
00H
Name
Physical
Address
8-Bit
Address
Description
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com