Electronic Components Datasheet Search
  English  ▼

X  

C164CI Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # C164CI
Description  16-bit CMOS Single-Chip Microcontroller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CI Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button C164CI Datasheet HTML 23Page - Infineon Technologies AG C164CI Datasheet HTML 24Page - Infineon Technologies AG C164CI Datasheet HTML 25Page - Infineon Technologies AG C164CI Datasheet HTML 26Page - Infineon Technologies AG C164CI Datasheet HTML 27Page - Infineon Technologies AG C164CI Datasheet HTML 28Page - Infineon Technologies AG C164CI Datasheet HTML 29Page - Infineon Technologies AG C164CI Datasheet HTML 30Page - Infineon Technologies AG C164CI Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
Semiconductor Group
27
1998-02
C164CI
Special Function Registers Overview
The following table lists all SFRs which are implemented in the C164CI in alphabetical order.
Bit-addressable SFRs are marked with the letter “b” in column “Name”. SFRs within the Extended
SFR-Space (ESFRs) are marked with the letter “E” in column “Physical Address”.
An SFR can be specified via its individual mnemonic name. Depending on the selected addressing
mode, an SFR can be accessed via its physical address (using the Data Page Pointers), or via its
short 8-bit address (without using the Data Page Pointers).
Name
Physical
Address
8-Bit
Address
Description
Reset
Value
ADCIC
b FF98H
CCH
A/D Converter End of Conversion Interrupt
Control Register
0000H
ADCON
b FFA0H
D0H
A/D Converter Control Register
0000H
ADEIC
b FF9AH
CDH
A/D Converter Overrun Error Interrupt Control
Register
0000H
ADDAT
FEA0H
50H
A/D Converter Result Register
0000H
ADDAT2
F0A0H E 50H
A/D Converter 2 Result Register
0000H
ADDRSEL1
FE18H
0CH
Address Select Register 1
0000H
ADDRSEL2
FE1AH
0DH
Address Select Register 2
0000H
ADDRSEL3
FE1CH
0EH
Address Select Register 3
0000H
ADDRSEL4
FE1EH
0FH
Address Select Register 4
0000H
BUSCON0 b FF0CH
86H
Bus Configuration Register 0
0000H
BUSCON1 b FF14H
8AH
Bus Configuration Register 1
0000H
BUSCON2 b FF16H
8BH
Bus Configuration Register 2
0000H
BUSCON3 b FF18H
8CH
Bus Configuration Register 3
0000H
BUSCON4 b FF1AH
8DH
Bus Configuration Register 4
0000H
C1BTR
EF04H X ---
CAN Bit Timing Register
UUUUH
C1CSR
EF00H X ---
CAN Control / Status Register
XX01H
C1GMS
EF06H X ---
CAN Global Mask Short
UFUUH
C1IR
EF02H X ---
CAN Interrupt Register
XXH
C1LGML
EF0AH X ---
CAN Lower Global Mask Long
UUUUH
C1LMLM
EF0EH X ---
CAN Lower Mask of Last Message
UUUUH
C1UGML
EF08H X ---
CAN Upper Global Mask Long
UUUUH
C1UMLM
EF0CH X ---
CAN Upper Mask of Last Message
UUUUH
CC10IC
b FF8CH
C6H
CAPCOM Register 10 Interrupt Control Register
0000H
CC11IC
b FF8EH
C7H
CAPCOM Register 11 Interrupt Control Register
0000H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com